Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 17 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 17 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 13Page - Exar Corporation ST16C580CP40 Datasheet HTML 14Page - Exar Corporation ST16C580CP40 Datasheet HTML 15Page - Exar Corporation ST16C580CP40 Datasheet HTML 16Page - Exar Corporation ST16C580CP40 Datasheet HTML 17Page - Exar Corporation ST16C580CP40 Datasheet HTML 18Page - Exar Corporation ST16C580CP40 Datasheet HTML 19Page - Exar Corporation ST16C580CP40 Datasheet HTML 20Page - Exar Corporation ST16C580CP40 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
ST16C580
17
Rev. 1.20
A2 A1 A0
Register
BIT-7
BIT-6
BIT-5
BIT-4
BIT-3
BIT-2
BIT-1
BIT-0
[Default]
Note *5
Enhanced Register Set: Note *4
0
1
0
EFR [00]
Auto
Auto
Special
Enable
Cont-3
Cont-2
Cont-1
Cont-0
CTS
RTS
Char.
IER
Tx,Rx
Tx,Rx
Tx,Rx
Tx,Rx
select
Bits 4-7,
Control
Control
Control
Control
ISR, FCR
Bits 4-5,
MCR
Bits 5-7
1
0
0
Xon-1 [00]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
1
0
1
Xon-2 [00]
bit-15
bit-14
bit-13
bit-12
bit-11
bit-10
bit-9
bit-8
1
1
0
Xoff-1 [00]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
1
1
1
Xoff-2 [00]
bit-15
bit-14
bit-13
bit-12
bit-11
bit-10
bit-9
bit-8
Note *3: The Special register set is accessible only when LCR bit-7 is set to a logic 1.
Note *4: Enhanced Feature Register, Xon 1,2 and Xoff 1,2 are accessible only when LCR is set to “BF“ Hex
Note *5: The value represents the register’s initialized HEX value. An “X” signifies a 4-bit un-initialize nibble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com