Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 20 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 20 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 16Page - Exar Corporation ST16C580CP40 Datasheet HTML 17Page - Exar Corporation ST16C580CP40 Datasheet HTML 18Page - Exar Corporation ST16C580CP40 Datasheet HTML 19Page - Exar Corporation ST16C580CP40 Datasheet HTML 20Page - Exar Corporation ST16C580CP40 Datasheet HTML 21Page - Exar Corporation ST16C580CP40 Datasheet HTML 22Page - Exar Corporation ST16C580CP40 Datasheet HTML 23Page - Exar Corporation ST16C580CP40 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
ST16C580
20
Rev. 1.20
(FIFO’s enabled, FCR bit-0 = logic 1, FCR bit-3 = logic
0) and when there are no characters in the transmit
FIFO or transmit holding register, the -TXRDY pin will
be a logic 0. Once active the -TXRDY pin will go to a
logic 1 after the first character is loaded into the
transmit holding register.
Receive operation in mode “0”:
When the 580 is in mode “0” (FCR bit-0 = logic 0) or
in the FIFO mode (FCR bit-0 = logic 1, FCR bit-3 =
logic 0) and there is at least one character in the
receive FIFO, the -RXRDY pin will be a logic 0. Once
active the -RXRDY pin will go to a logic 1 when there
are no more characters in the receiver.
Transmit operation in mode “1”:
When the 580 is in FIFO mode ( FCR bit-0 = logic 1,
FCR bit-3 = logic 1 ), the -TXRDY pin will be a logic 1
when the transmit FIFO is completely full. It will be a
logic 0 if one or more FIFO locations are empty.
Receive operation in mode “1”:
When the 580 is in FIFO mode (FCR bit-0 = logic 1,
FCR bit-3 = logic 1) and the trigger level has been
reached, or a Receive Time Out has occurred, the -
RXRDY pin will go to a logic 0. Once activated, it will
go to a logic 1 after there are no more characters in the
FIFO.
FCR BIT 4-5: (logic 0 or cleared is the default condi-
tion, TX trigger level = 1)
These bits are used to set the trigger level for the
transmit FIFO interrupt. The ST16C580 will issue a
transmit empty interrupt when the number of charac-
ters in FIFO drops below the selected trigger level.
BIT-5
BIT-4
TX FIFO trigger level
00
1
01
4
10
8
11
14
FCR BIT 6-7: (logic 0 or cleared is the default condi-
tion, RX trigger level =8)
These bits are used to set the trigger level for the receive
FIFO interrupt.
An interrupt is generated when the number of charac-
ters in the FIFO equals the programmed trigger level.
However the FIFO will continue to be loaded until it is
full.
BIT-7
BIT-6
RX FIFO trigger level
00
1
01
4
10
8
11
14
Interrupt Status Register (ISR)
The 580 provides six levels of prioritized interrupts to
minimize external software interaction. The Interrupt
Status Register (ISR) provides the user with six inter-
rupt status bits. Performing a read cycle on the ISR will
provide the user with the highest pending interrupt
level to be serviced. No other interrupts are acknowl-
edged until the pending interrupt is serviced. When-
ever the interrupt status register is read, the interrupt
status is cleared. However it should be noted that only
the current pending interrupt is cleared by the read. A
lower level interrupt may be seen after rereading the
interrupt status bits. The Interrupt Source Table 6
(below) shows the data values (bit 0-5) for the six
prioritized interrupt levels and the interrupt sources
associated with each of these interrupt levels:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com