Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 3Page - Exar Corporation ST16C580CP40 Datasheet HTML 4Page - Exar Corporation ST16C580CP40 Datasheet HTML 5Page - Exar Corporation ST16C580CP40 Datasheet HTML 6Page - Exar Corporation ST16C580CP40 Datasheet HTML 7Page - Exar Corporation ST16C580CP40 Datasheet HTML 8Page - Exar Corporation ST16C580CP40 Datasheet HTML 9Page - Exar Corporation ST16C580CP40 Datasheet HTML 10Page - Exar Corporation ST16C580CP40 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ST16C580
7
Rev. 1.20
UART’s transmit or receive operation.
-RI
39
43
41
I
Ring Indicator (active low) - A logic 0 on this pin indicates the
modem has received a ringing signal from the telephone
line. A logic 1 transition on this input pin will generate an
interrupt.
-RTS
32
36
32
O
Request to Send (active low) - A logic 0 on the -RTS pin
indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register (MCR bit-1)
will set this pin to a logic 0 indicating data is available. After
a reset this pin will be set to a logic 1. This pin only affects
the transmit and receive operations when Auto RTS func-
tion is enabled via the Enhanced Feature Register (EFR)
bit-6, for hardware flow control operation.
RX / IRRX
10
11
7
I
Receive Data - This pin provides the serial receive data
input to the 580. Two user selectable interface options are
available. The first option supports the standard modem
interface. The second option provides an Infrared decoder
interface, see figures 2/3. When using the standard modem
interface, the RX signal will be a logic 1 during reset, idle (no
data), or when the transmitter is disabled. The inactive state
(no data) for the Infrared decoder interface is a logic 0. MCR
bit-6 selects the standard modem or infrared interface.
During the local loop-back mode, the RX input pin is
disabled and TX data is internally connected to the UART
RX Input, internally, see figure 12.
TX / IRTX
11
13
8
O
Transmit Data - This pin provides the serial transmit data
from the 580. Two user selectable interface options are
available. The first user option supports a standard modem
interface. The second option provides an Infrared encoder
interface, see figures 2/3. When using the standard modem
interface, the TX signal will be a logic 1 during reset, idle (no
data), or when the transmitter is disabled. The inactive state
(no data) for the Infrared encoder/ decoder interface is a
Logic 0. MCR bit-6 selects the standard modem or infrared
interface. During the local loop-back mode, the TX input pin
is disabled and TX data is internally connected to the UART
RX Input, see figure 12.
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com