Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 6Page - Exar Corporation ST16C580CP40 Datasheet HTML 7Page - Exar Corporation ST16C580CP40 Datasheet HTML 8Page - Exar Corporation ST16C580CP40 Datasheet HTML 9Page - Exar Corporation ST16C580CP40 Datasheet HTML 10Page - Exar Corporation ST16C580CP40 Datasheet HTML 11Page - Exar Corporation ST16C580CP40 Datasheet HTML 12Page - Exar Corporation ST16C580CP40 Datasheet HTML 13Page - Exar Corporation ST16C580CP40 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ST16C580
10
Rev. 1.20
FIFO Operation
The 16 byte transmit and receive data FIFO’s are
enabled by the FIFO Control Register (FCR) bit-0.
With 16C550 devices, the user can set the receive
trigger level but not the transmit trigger level. The 580
provides independent trigger levels for both receiver
and transmitter. To remain compatible with
ST16C550, the transmit interrupt trigger level is set to
1 following a reset. It should be noted that the user can
set the transmit trigger levels by writing to the FCR
register, but activation will not take place until EFR bit-
4 is set to a logic 1. The receiver FIFO section includes
a time-out function to ensure data is delivered to the
external CPU. An interrupt is generated whenever the
Receive Holding Register (RHR) has not been read
following the loading of a character or the receive
trigger level has not been reached. (see hardware flow
control for a description of this timing).
Hardware Flow Control
When automatic hardware flow control is enabled, the
580 monitors the -CTS pin for a remote buffer overflow
indication and controls the -RTS pin for local buffer
overflows. Automatic hardware flow control is se-
lected by setting bits 6 (RTS) and 7 (CTS) of the EFR
register to a logic 1. If -CTS transitions from a logic 0
to a logic 1 indicating a flow control request, ISR bit-
5 will be set to a logic 1 (if enabled via IER bit 6-7), and
the 580 will suspend TX transmissions as soon as the
stop bit of the character in process is shifted out.
Transmission is resumed after the -CTS input returns
to a logic 0, indicating more data may be sent.
With the Auto RTS function enabled, an interrupt is
generated when the receive FIFO reaches the pro-
grammed trigger level. The -RTS pin will not be forced
to a logic 1 (RTS Off), until the receive FIFO reaches
the next trigger level. However, the -RTS pin will
return to a logic 0 after the data buffer (FIFO) is
unloaded to the next trigger level below the pro-
grammed trigger level. However, under the above
described conditions the 580 will continue to accept
data until the receive FIFO is full.
Selected
INT
-RTS
-RTS
Trigger
Pin
Logic “1”
Logic “0”
Level
Activation
(characters)
(characters)
(characters)
1
140
4
481
88
14
4
14
14
14
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com