Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 40 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 40 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 33Page - Exar Corporation ST16C580CP40 Datasheet HTML 34Page - Exar Corporation ST16C580CP40 Datasheet HTML 35Page - Exar Corporation ST16C580CP40 Datasheet HTML 36Page - Exar Corporation ST16C580CP40 Datasheet HTML 37Page - Exar Corporation ST16C580CP40 Datasheet HTML 38Page - Exar Corporation ST16C580CP40 Datasheet HTML 39Page - Exar Corporation ST16C580CP40 Datasheet HTML 40Page - Exar Corporation ST16C580CP40 Datasheet HTML 41Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
ST16C580
40
Rev. 1.20
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
B
A
2
A
1
1.20
0.27
1.05
0.15
1.00
0.17
0.95
0.05
0.047
0.011
0.041
0.006
0.039
0.007
0.037
0.002
Note: The control dimension is the millimeter column
D
C
7.10
9.20
0.20
6.90
8.80
0.09
0.280
0.362
0.008
0.272
0.346
0.004
D
1
α
L
e
7°
0.75
0°
0.45
0.50BSC
7°
0.030
0
°
0.018
0.20 BSC
36
25
24
13
1
1
2
37
48
D
D
1
D
D
1
B
e
α
A
2
A
1
A
Seating
Plane
L
C
48 LEAD THIN QUAD FLAT PACK
(TQFP)
PACKAGE OUTLINE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com