Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 25 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 25 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 21Page - Exar Corporation ST16C580CP40 Datasheet HTML 22Page - Exar Corporation ST16C580CP40 Datasheet HTML 23Page - Exar Corporation ST16C580CP40 Datasheet HTML 24Page - Exar Corporation ST16C580CP40 Datasheet HTML 25Page - Exar Corporation ST16C580CP40 Datasheet HTML 26Page - Exar Corporation ST16C580CP40 Datasheet HTML 27Page - Exar Corporation ST16C580CP40 Datasheet HTML 28Page - Exar Corporation ST16C580CP40 Datasheet HTML 29Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
ST16C580
25
Rev. 1.20
Table 7, SOFTWARE FLOW CONTROL FUNCTIONS
Cont-3
Cont-2
Cont-1
Cont-0
TX, RX software flow controls
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1/Xoff1
0
1
X
X
Transmit Xon2/Xoff2
1
1
X
X
Transmit Xon1 and Xon2/Xoff1 and Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1/Xoff1
X
X
0
1
Receiver compares Xon2/Xoff2
1011
Transmit Xon1/ Xoff1.
Receiver compares Xon1 and Xon2,
Xoff1 and Xoff2
0111
Transmit Xon2/Xoff2
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
1111
Transmit Xon1 and Xon2/Xoff1 and Xoff2
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
0011
No transmit flow control
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
EFR BIT-4:
Enhanced function control bit. The content of the IER
bits 4-7, ISR bits 4-5, FCR bits 4-5, and MCR bits 5-7
can be modified and latched. After modifying any bits
in the enhanced registers, EFR bit-4 can be set to a
logic 0 to latch the new values. This feature prevents
existing software from altering or overwriting the 580
enhanced functions.
Logic 0 = disable/latch enhanced features. IER bits 4-
7, ISR bits 4-5, FCR bits 4-5, and MCR bits 5-7 are
saved to retain the user settings, then IER bits 4-7, ISR
bits 4-5, FCR bits 4-5, and MCR bits 5-7 are initialized
to the default values shown in the Internal Resister
Table. After a reset, the IER bits 4-7, ISR bits 4-5, FCR
bits 4-5, and MCR bits 5-7 are set to a logic 0 to be
compatible with ST16C550 mode. (normal default
condition).
Logic 1 = Enables the enhanced functions. When this
bit is set to a logic 1 all enhanced features of the 580
are enabled and user settings stored during a reset will
be restored.
EFR BIT-5:
Logic 0 = Special Character Detect Disabled (normal
default condition)
Logic 1 = Special Character Detect Enabled. The 580
compares each incoming receive character with Xoff-
2 data. If a match exists, the received data will be
transferred to FIFO and ISR bit-4 will be set to indicate
detection of special character. Bit-0 in the X-registers
corresponds with the LSB bit for the receive character.
When this feature is enabled, the normal software flow
control must be disabled (EFR bits 0-3 must be set to
a logic 0).
EFR BIT-6:
Automatic RTS may be used for hardware flow control
by enabling EFR bit-6. When AUTO RTS is selected,
an interrupt will be generated when the receive FIFO
is filled to the programmed trigger level and -RTS will
go to a logic 1 at the next trigger level. -RTS will return
to a logic 0 when data is unloaded below the next lower
trigger level (Programmed trigger level -1). The state
of this register bit changes with the status of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com