Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 4 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 4 Page - Exar Corporation

  ST16C580CP40 Datasheet HTML 1Page - Exar Corporation ST16C580CP40 Datasheet HTML 2Page - Exar Corporation ST16C580CP40 Datasheet HTML 3Page - Exar Corporation ST16C580CP40 Datasheet HTML 4Page - Exar Corporation ST16C580CP40 Datasheet HTML 5Page - Exar Corporation ST16C580CP40 Datasheet HTML 6Page - Exar Corporation ST16C580CP40 Datasheet HTML 7Page - Exar Corporation ST16C580CP40 Datasheet HTML 8Page - Exar Corporation ST16C580CP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ST16C580
4
Rev. 1.20
SYMBOL DESCRIPTION
A0
28
31
28
I
Address-0 Select Bit - Internal registers address selection.
A1
27
30
27
I
Address-1 Select Bit Internal registers address selection.
A2
26
29
26
I
Address-2 Select Bit Internal registers address selection.
IOR
22
25
20
I
Read strobe. Its function is the same as -IOR (see -IOR),
except it is active high. Either an active -IOR or IOR is
required to transfer data from 580 to CPU during a read
operation.
CS0
12
14
9
I
Chip Select-0. A logical 1 on this pin provides the chip select
0 function.
CS1
13
15
10
I
Chip Select-1. A logical 1 on this pin provides the chip select
1 function.
-CS2
14
16
11
I
Chip Select -2. A logical 0 on this pin provides the chip select
2 function.
IOW
19
21
17
I
Write strobe. A logic 1 transition creates a write strobe. Its
function is the same as -IOW (see -IOW), but it acts as an
active high input signal. Either -IOW or IOW is required to
transfer data from the CPU to 580 during a write operation.
-AS
25
28
24
I
Address Strobe. A logic 0 transition on -AS latches the state
of the chip selects and the register select bits, A0-A2. This
input is used when address and chip selects are not stable
for the duration of a read or write operation, i.e., a micropro-
cessor that needs to de-multiplex the address and data bits.
If not required, the -AS input can be permanently tied to a
logic 0 (it is edge triggered).
D0-D7
1-8
2-9
43-47
2-4
I/O
Data Bus (Bi-directional) - These pins are the eight bit, three
state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.
GND
20
22
18
Pwr
Signal and Power Ground.
Symbol
Pin
Signal
Pin Description
40
44
48
type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com