Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 13Page - Texas Instruments TVP7002IPZP Datasheet HTML 14Page - Texas Instruments TVP7002IPZP Datasheet HTML 15Page - Texas Instruments TVP7002IPZP Datasheet HTML 16Page - Texas Instruments TVP7002IPZP Datasheet HTML 17Page - Texas Instruments TVP7002IPZP Datasheet HTML 18Page - Texas Instruments TVP7002IPZP Datasheet HTML 19Page - Texas Instruments TVP7002IPZP Datasheet HTML 20Page - Texas Instruments TVP7002IPZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
If activity is not detected on either the HSYNC input or the VSYNC input, the host processor should assume that
the PC graphics input is a standard 3-wire interface. With AHSO and AVSO set for automatic selection and no
signals present at the HSYNC and VSYNC input pins, the TVP7002 will automatically select the SOG input as
the sync source.
Table 5. Sync Activity Detection
VSYNC INPUT
HSYNC INPUT
PC GRAPHICS
ACTIVITY DETECT
ACTIVITY DETECT
INPUT TYPE
1
1
5 wire (default)
0
1
4 wire
0
0
3 wire
The activity detection status for the VSYNC and HSYNC inputs is written to the I2C status register at subaddress
14h.
NOTE
Pin 13 of a standard 15-pin VGA video connector can be either a horizontal sync
(HSYNC) or a composite sync (CSYNC). Automatic HSYNC polarity detection is
recommended (Reg 0Eh HSPO=0) for all sync types.
NOTE
For component video inputs, the active HSYNC and VSYNC should always be derived
from the selected SOG input. This can most easily be ensured by setting the AHSO,
AVSO, AHSS and AVSS bit fields in register 0Eh to logic 1.
NOTE
For proper operation when separate HSYNC and VSYNC inputs are used, the leading
edge of VSYNC must not be precisely aligned with the leading edge of HSYNC. A simple
RC delay circuit will provide adequate delay in most applications.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com