Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 28 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 24Page - Texas Instruments TVP7002IPZP Datasheet HTML 25Page - Texas Instruments TVP7002IPZP Datasheet HTML 26Page - Texas Instruments TVP7002IPZP Datasheet HTML 27Page - Texas Instruments TVP7002IPZP Datasheet HTML 28Page - Texas Instruments TVP7002IPZP Datasheet HTML 29Page - Texas Instruments TVP7002IPZP Datasheet HTML 30Page - Texas Instruments TVP7002IPZP Datasheet HTML 31Page - Texas Instruments TVP7002IPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
H-PLL Phase Select
Subaddress
04h
Default (80h)
7
6
5
4
3
2
1
0
Phase Select [4:0]
Reserved
DIV2
Phase Select [4:0]: ADC sampling clock phase select. (1 LSB = 360/32 = 11.25°). A host-based automatic phase control algorithm can be
used to control this setting to optimize graphics sampling phase.
00h = 0 degrees
10h = 180 degrees (default)
1Fh = 348.75 degrees
DIV2: DATACLK divide-by-2. H-PLL post divider. May be used with a 2x H-PLL feedback divider to improve jitter at low frequencies. When
used, only half of the Phase Select [4:0] settings are functional.
0 = DATACLK/1 (default)
1 = DATACLK/2
Clamp Start
Subaddress
05h
Default (32h)
7
6
5
4
3
2
1
0
Clamp Start [7:0]
Clamp Start [7:0]: Positions the clamp signal an integer number of clock periods after the HSYNC signal. If external clamping is selected
this value has no meaning. Clamp Start must be correctly positioned for proper operation. See Table 13 for the recommended settings.
Clamp Width
Subaddress
06h
Default (20h)
7
6
5
4
3
2
1
0
Clamp Width [7:0]
Clamp Width [7:0]: Sets the width in pixels for the fine clamp. See also register Clamp Start (subaddress 05h).
Table 13. Recommended Fine Clamp Settings
VIDEO STANDARD
CLAMP START
CLAMP WIDTH
HDTV (tri-level)
50 (32h)
32 (20h)
SDTV (bi-level)
6 (06h)
16 (10h)
PC graphics
6 (06h)
16 (10h)
HSYNC Output Width
Subaddress
07h
Default (20h)
7
6
5
4
3
2
1
0
HSOUT Width [7:0]
HSOUT Width [7:0]: Sets the width in pixels for HSYNC output.
Blue Fine Gain
Subaddress
08h
Default (00h)
7
6
5
4
3
2
1
0
Blue Fine Gain [7:0]
Blue Fine Gain [7:0]: 8-bit fine digital gain (contrast) for Blue channel (applied after the ADC). Offset binary value.
Blue Fine Gain = 1 + Blue Fine Gain [7:0]/256
Blue Fine Gain [7:0]
Blue Fine Gain
00h
1.0 (default)
80h
1.5
FFh
2.0
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com