Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 44 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 40Page - Texas Instruments TVP7002IPZP Datasheet HTML 41Page - Texas Instruments TVP7002IPZP Datasheet HTML 42Page - Texas Instruments TVP7002IPZP Datasheet HTML 43Page - Texas Instruments TVP7002IPZP Datasheet HTML 44Page - Texas Instruments TVP7002IPZP Datasheet HTML 45Page - Texas Instruments TVP7002IPZP Datasheet HTML 46Page - Texas Instruments TVP7002IPZP Datasheet HTML 47Page - Texas Instruments TVP7002IPZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
ADC Setup
Subaddress
2Ch
(Default 50h)
7
6
5
4
3
2
1
0
ADC bias control [3:0]
Trim clamp [3:0]
ADC bias control [3:0]: Allows adjusting the internal ADC bias current for optimum performance.
0h = Minimum setting
5h = Recommended setting for sample rates
≤ 110 MSPS (default)
8h = Recommended setting for sample rates > 110 MSPS
Fh = Maximum setting
Trim clamp [3:0]: SOG coarse clamp bias current control.
0h = 2
μA (default)
3h = 8
μA
Fh = 32
μA
IBIAS = 2 + 2 × NBIAS, where 0
≤ NBIAS ≤ 15
The SOG coarse clamp leakage current (subaddress 30h) is derived from the SOG coarse clamp bias current.
Coarse Clamp Control
Subaddress
2Dh
Default (00h)
7
6
5
4
3
2
1
0
CCCLP_cur_CH1 [1:0]
Reserved [5:3]
Coarse B
Coarse G
Coarse R
CCCLP_cur_CH1 [1:0]: Coarse clamp charge current switch selection.
00 = Highest charge current setting (default)
11 = Lowest charge current setting
Reserved [5:3]:
000 = Normal operation (default)
Coarse B: Active-high coarse clamp enable for Blue channel
0 = Blue channel coarse clamp disabled (default)
1 = Blue channel coarse clamp enabled
Coarse G: Active-high coarse clamp enable for Green channel
0 = Green channel coarse clamp disabled (default)
1 = Green channel coarse clamp enabled
Coarse R: Active-high coarse clamp enable for Red channel
0 = Red channel coarse clamp disabled (default)
1 = Red channel coarse clamp enabled
NOTE: Enabling Coarse clamps will disable Fine clamps and override Fine clamp enable settings in subaddress 2Ah.
SOG Clamp
Subaddress
2Eh
(Default 80h)
7
6
5
4
3
2
1
0
SOG_CE
CCCLP_cur_SOG [1:0]
upi_sog
dwni_sog
upi_ch123 [2:0]
SOG_CE: Active-high SOG clamp enable.
0 = SOG clamp disabled
1 = SOG clamp enabled (default)
CCCLP_cur_SOG [1:0]: SOG coarse clamp charge current switch selection.
00 = Lowest charge current setting (default)
11 = Highest charge current setting
Reserved [4:0]:
0 = Normal operation (default)
44
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com