Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 15 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 11Page - Texas Instruments TVP7002IPZP Datasheet HTML 12Page - Texas Instruments TVP7002IPZP Datasheet HTML 13Page - Texas Instruments TVP7002IPZP Datasheet HTML 14Page - Texas Instruments TVP7002IPZP Datasheet HTML 15Page - Texas Instruments TVP7002IPZP Datasheet HTML 16Page - Texas Instruments TVP7002IPZP Datasheet HTML 17Page - Texas Instruments TVP7002IPZP Datasheet HTML 18Page - Texas Instruments TVP7002IPZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
Table 4. Recommended VCO Range and Charge Pump Current Settings
for Supporting Standard Display Formats (continued)
PLL
VCO
CP
FRAME
PIXEL
PLLDIV
PLLDIV
OUTPUT
LINE RATE
DIVIDER
RANGE
CURRENT
STANDARD
RESOLUTION
RATE
RATE
[11:4] REG
[3:0] REG
REG 03h
DIVIDER
(kHz)
TOTAL
REG 03h
REG 03h
(Hz)
(MHz)
01h [7:0]
02h [7:4]
REG 04h [0]
PIX/LINE
[7:6]
[5:3]
720 × 480i
29.97
15.734
13.5
858
35h
A0h
18h
0
ULow (00b)
011b
720 × 576i
25
15.625
13.5
864
36h
00h
18h
0
ULow (00b)
011b
720 × 480p
59.94
31.469
27
858
35h
A0h
18h
0
ULow (00b)
011b
720 × 576p
50
31.25
27
864
36h
00h
18h
0
ULow (00b)
011b
1280 × 720p
60
45
74.25
1650
67h
20h
A0h
0
Med (10b)
100b
Video
1280 × 720p
50
37.5
74.25
1980
7Bh
C0h
98h
0
Med (10b)
011b
1920 × 1080i
30
33.75
74.25
2200
89h
80h
98h
0
Med (10b)
011b
1920 × 1080i
25
28.125
74.25
2640
A5h
00h
90h
0
Med (10b)
010b
1920 × 1080p
60
67.5
148.5
2200
89h
80h
E0h
0
High (11b)
100b
1920 × 1080p
50
56.25
148.5
2640
A5h
00h
D8h
0
High (11b)
011b
RGB-to-YCbCr Color Space Conversion
The TVP7002 supports RGB-to-YCbCr color space conversion (CSC) with I2C programmable coefficients. The
TVP7002 should default to the CSC coefficients required for HDTV component video inputs. The TVP7002
supports the ability to bypass the CSC block and defaults to the bypass mode (bit 4 of subaddress 18h).
RGB-to-YCbCr
CSC
coefficients
for
HDTV
component
video
(see
CEA-770.3-C,
ITU-R
BT.709)
(default coefficients):
G'
B'
R'
Y
00000016E3
000000024F
00000006CE
Pb
FFFFFFF3AB
0000001000
FFFFFFFC55
Pr
FFFFFFF178
FFFFFFFE88
0000001000
RGB-to-YCbCr
CSC
coefficients
for
SDTV
component
video
(see
CEA-770.2-C,
ITU-R
BT.601)
(informative only):
G'
B'
R'
Y
00000012C9
00000003A6
0000000991
Pb
FFFFFFF566
0000001000
FFFFFFFA9A
Pr
FFFFFFF29A
FFFFFFFD66
0000001000
4:4:4 to 4:2:2 Conversion
For 4:4:4 YPbPr component video inputs, the TVP7002 can downsample the chroma samples (CbCr) from 1× to
0.5× using a 27-tap half-band filter.
NOTE
•
Selection between the 30-bit 4:4:4 output format and the 20-bit 4:2:2 output format is
made using bit 1 of register 15h.
•
Multiplexed CbCr data is output on BOUT [9:0] in the 20-bit 4:2:2 output format.
•
4:4:4 to 4:2:2 conversion is implemented after RGB-to-YCbCr color space conversion.
Sync Processing
Horizontal Sync Selection
The TVP7002 provides two HSYNC inputs and three analog SOG inputs for HDTV and PC graphics inputs. The
sync input used by the horizontal PLL is automatically selected based on activity detection.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com