Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 19 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 15Page - Texas Instruments TVP7002IPZP Datasheet HTML 16Page - Texas Instruments TVP7002IPZP Datasheet HTML 17Page - Texas Instruments TVP7002IPZP Datasheet HTML 18Page - Texas Instruments TVP7002IPZP Datasheet HTML 19Page - Texas Instruments TVP7002IPZP Datasheet HTML 20Page - Texas Instruments TVP7002IPZP Datasheet HTML 21Page - Texas Instruments TVP7002IPZP Datasheet HTML 22Page - Texas Instruments TVP7002IPZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
Output Formatter
The output formatter sets how the data is formatted for output on the TVP7002 output buses. Table 6 shows the
available component video output modes.
Table 6. YCbCr Component Video Output Formats(1)
TERMINAL NAME
TERMINAL NUMBER
30-BIT 4:2:2 YCbCr
20-BIT 4:2:2 YCbCr
G_9
43
Y9
Y9
G_8
44
Y8
Y8
G_7
45
Y7
Y7
G_6
46
Y6
Y6
G_5
47
Y5
Y5
G_4
48
Y4
Y4
G_3
49
Y3
Y3
G_2
50
Y2
Y2
G_1
51
Y1
Y1
G_0
52
Y0
Y0
B_9
29
Cb9
Cb9, Cr9
B_8
30
Cb8
Cb8, Cr8
B_7
31
Cb7
Cb7, Cr7
B_6
32
Cb6
Cb6, Cr6
B_5
33
Cb5
Cb5, Cr5
B_4
34
Cb4
Cb4, Cr4
B_3
35
Cb3
Cb3, Cr3
B_2
36
Cb2
Cb2, Cr2
B_1
37
Cb1
Cb1, Cr1
B_0
38
Cb0
Cb0, Cr0
R_9
29
Cr9
R_8
30
Cr8
R_7
31
Cr7
R_6
32
Cr6
R_5
33
Cr5
R_4
34
Cr4
R_3
35
Cr3
R_2
36
Cr2
R_1
37
Cr1
R_0
38
Cr0
(1)
10-bit 4:2:2 YCbCr output format (i.e., ITU-R BT.656) is not supported by the TVP7002.
<br/>
NOTE
In the 20-bit 4:2:2 YCbCr output mode, the unused Red outputs (R[9:0]) are placed in a
high-impedance state.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com