Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 11 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 7Page - Texas Instruments TVP7002IPZP Datasheet HTML 8Page - Texas Instruments TVP7002IPZP Datasheet HTML 9Page - Texas Instruments TVP7002IPZP Datasheet HTML 10Page - Texas Instruments TVP7002IPZP Datasheet HTML 11Page - Texas Instruments TVP7002IPZP Datasheet HTML 12Page - Texas Instruments TVP7002IPZP Datasheet HTML 13Page - Texas Instruments TVP7002IPZP Datasheet HTML 14Page - Texas Instruments TVP7002IPZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
FUNCTIONAL DESCRIPTION
Analog Channel
The TVP7002 contains three identical analog channels that are independently programmable. Each channel
consists of a clamping circuit, programmable gain control, programmable offset control, and an ADC.
Analog Input Switch Control
TVP7002 has three analog channels that accept up to ten video inputs. The user can configure the internal
analog video switches via the I2C interface. The ten analog video inputs can be used for different input
configurations, some of which are:
•
Up to three SDTV, EDTV, or HDTV component video inputs (limited by number of SOG inputs)
•
Up to two 5-wire PC graphics inputs (limited by number of HSYNC and VSYNC inputs)
The input selection is performed by the input select register at I2C subaddress 19h a 1Ah (see Input
Mux Select 1 and Input Mux Select 2).
Supported Video Formats
The TVP7002 supports A/D conversion of SDTV (480i, 576i), EDTV (480p, 576p), and HDTV (720p, 1080i,
1080p) YPbPr component video inputs. The TVP7002 also supports A/D conversion and color space conversion
of all standard PC graphics formats (RGB) from VGA up to UXGA. The internal sync separator provides support
for field rates (VSYNC frequencies) at or above 40 Hz. Separated VSYNC or an external sync separator must be
used to support formats having field rates less than 40 Hz. A summary of the analog video standards supported
by the TVP7002 module is show in Table 2.
Table 2. Analog Video Standards
VIDEO FORMAT
VIDEO STANDARDS
SDTV (YPbPr component)
480i, 576i
EDTV (YPbPr component)
480p, 576p
720p50, 720p60, 1080i50,
HDTV (YPbPr component)
1080i60, 1080p50, 1080p60
PC graphics (RGB component)
VGA to UXGA
SCART (RGB component)
576i
Analog Input Clamping
The TVP7002 provides dc restoration for all analog video inputs including the SOG slicer inputs. The dc
restoration circuit (a.k.a. clamp circuit) restores the ac-coupled video signal to a fixed dc level. One dc restoration
circuit is implemented prior to each of the three ADCs, and a fourth one is located prior to the SOG slicer. The dc
restoration circuit can be programmed to operate as either a sync-tip clamp (a.k.a. coarse clamp) or a back-
porch clamp (a.k.a. fine clamp). The sync-tip clamp always clamps the video sync-tip level near the bottom of the
ADC range. The back-porch type clamp supports two clamping levels (bottom level and mid level) that are
selectable using bits 0, 1, and 2 of register 10h. When using the fine bottom-level clamp, an optional 300-mV
common-mode offset may be selected using bit 7 of register 2Ah.
In general, the analog video input being used for horizontal synchronization purposes should always use the
sync-tip clamp; all other analog video inputs should use the back-porch clamp. The advantage of the back-porch
clamp is that it has negligible video droop or tilt across a video line.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com