Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 31 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 27Page - Texas Instruments TVP7002IPZP Datasheet HTML 28Page - Texas Instruments TVP7002IPZP Datasheet HTML 29Page - Texas Instruments TVP7002IPZP Datasheet HTML 30Page - Texas Instruments TVP7002IPZP Datasheet HTML 31Page - Texas Instruments TVP7002IPZP Datasheet HTML 32Page - Texas Instruments TVP7002IPZP Datasheet HTML 33Page - Texas Instruments TVP7002IPZP Datasheet HTML 34Page - Texas Instruments TVP7002IPZP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
H-PLL and Clamp Control
Subaddress
0Fh
Default (2Eh)
7
6
5
4
3
2
1
0
CF
CP
Coast Sel
CPO
CPC
SMO
FCPD
ADC Test
CF: Clamp Function. Clamp pulse select. This control bit determines whether the timing for both the fine clamp and the ALC circuit are
generated internally or externally.
0 = Internal fine clamp and ALC timing (default)
1 = External fine clamp and ALC timing (pin 76)
CP: Clamp Polarity. External clamp polarity select
0 = Active-high clamp pulse (default)
1 = Active-low clamp pulse
CS: Coast Select. Coast signal select. This control bit determines whether the timing for H-PLL coast signal is generated internally or
externally.
0 = External H-PLL coast timing (pin 77)
1 = Internal H-PLL coast timing (default)
CPO: Coast Polarity Override
0 = Polarity determined by chip (default)
1 = Polarity set be Bit 3 in register 0Fh
CPC: Coast Polarity Change. External coast polarity select
0 = Active-low coast signal
1 = Active-high coast signal (default)
SMO: Seek Mode Override. Places the TVP7002 in a low power mode whenever no activity is detected on the selected sync inputs.
0 = Enable automatic power management mode
1 = Disable automatic power management mode (default)
NOTE: Digital outputs are not high impedance and may be in a random state during low power mode. Outputs can be put
in high impedance state by I2C register 17h.
FCPD: Full Chip Power Down. Active-low power down. FCPD powers down all blocks except I2C. The I2C register values are retained.
0 = Power-down mode
1 = Normal operation (default)
NOTE: Digital outputs are not high impedance and may be in random state during FCPD. Outputs can be put in high
impedance state by I2C register 17h.
ADC Test: Active-high ADC test mode select. When placed in the ADC test mode, the TVP7002 disables the fine clamp, enables the
coarse clamp, and selects the external clock input (pin 80) for each ADC channel.
0 = ADC test mode disabled (default)
1 = ADC test mode enabled
NOTE: Also see the Horizontal PLL Control register at subaddress 03h.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com