Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 43 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 39Page - Texas Instruments TVP7002IPZP Datasheet HTML 40Page - Texas Instruments TVP7002IPZP Datasheet HTML 41Page - Texas Instruments TVP7002IPZP Datasheet HTML 42Page - Texas Instruments TVP7002IPZP Datasheet HTML 43Page - Texas Instruments TVP7002IPZP Datasheet HTML 44Page - Texas Instruments TVP7002IPZP Datasheet HTML 45Page - Texas Instruments TVP7002IPZP Datasheet HTML 46Page - Texas Instruments TVP7002IPZP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
Fine Clamp Control
Subaddress
2Ah
Default (07h)
7
6
5
4
3
2
1
0
CM Offset
Reserved
Fine swsel [1:0]
Reserved
Fine GB
Fine R
CM Offset: Fine bottom-level clamp common mode offset enable. The common mode offset is approximately 300 mV when enabled. Has
no effect when the coarse clamp or fine mid-level clamp is selected. See registers 10h and 2Dh.
0 = Common mode offset disabled (default)
1 = Common mode offset enabled
NOTE: The 300-mV common-mode offset can be enabled to improve isolation and channel crosstalk, when inputs with
sync tips larger than nominal (>300 mV) must be supported.
Reserved [6:5]:
0 = Normal operation (default)
Fine swse [1:0]l: Fine clamp time constant adjustment
00 = Longest time constant (default)
11 = Shortest time constant
Reserved [2]:
1 = Normal operation (default)
Fine GB: Active-high fine clamp enable for Green and Blue channel
0 = Green channel fine clamp disabled
1 = Green and Blue channel fine clamps enabled (default)
Fine R: Active-high fine clamp enable for Red channel
0 = Red channel fine clamp disabled
1 = Red channel fine clamp enabled (default)
NOTE: Leave Fine GB and Fine R bits turned on for proper clamp operation. See register 10h for mid and bottom level clamping control.
Power Control
Subaddress
2Bh
(Default 00h)
7
6
5
4
3
2
1
0
Reserved
SOG
SLICER
REF
CURRENT
PW ADC B
PW ADC G
PW ADC R
SOG:
0 = Normal operation (default)
1 = SOG power-down
Slicer:
0 = Normal operation (default)
1 = Slicer power-down
Reference:
0 = Normal operation (default)
1 = Reference block power-down
Current control:
0 = Normal operation (default)
1 = Current control block power-down
PW ADC B: Active-high power-down for ADC Blue channel
0 = ADC Blue channel power-down disabled (default)
1 = ADC Blue channel power-down enabled
PW ADC G: Active-high power-down for ADC Green channel
0 = ADC Green channel power-down disabled (default)
1 = ADC Green channel power-down enabled
PW ADC R: Active-high power-down for ADC Red channel
0 = ADC Red channel power-down disabled (default)
1 = ADC Red channel power-down enabled
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com