Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 48 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 48 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 44Page - Texas Instruments TVP7002IPZP Datasheet HTML 45Page - Texas Instruments TVP7002IPZP Datasheet HTML 46Page - Texas Instruments TVP7002IPZP Datasheet HTML 47Page - Texas Instruments TVP7002IPZP Datasheet HTML 48Page - Texas Instruments TVP7002IPZP Datasheet HTML 49Page - Texas Instruments TVP7002IPZP Datasheet HTML 50Page - Texas Instruments TVP7002IPZP Datasheet HTML 51Page - Texas Instruments TVP7002IPZP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
VSYNC Width
Subaddress
3Ch
Read only
7
6
5
4
3
2
1
0
Reserved
VSYNC width [4:0]
VSYNC width [4:0]: Number of lines between the leading and trailing edges of the VSYNC input. The VSYNC width along with the HSYNC
and VSYNC polarities can be used to determine whether the input graphics format is using VESA-CVT generated timings.
NOTE: The VSYNC width counter is not dependent on the H-PLL being locked.
Line Length Tolerance
Subaddress
3Dh
Default (03h)
7
6
5
4
3
2
1
0
Reserved
Line length tolerance [6:0]
Line length tolerance [6:0]: Controls sensitivity to HSYNC input stability when using either the internal or external clock reference. Increased
line length tolerance settings may be required for input signals having horizontal instability. This setting may affect the precison of the clock
cycles per line counter (see subaddresses 39h–3Ah)
00h = (minimum) tolerance
03h = (default) tolerance
06h = (recommended) tolerance
7Fh = (maximum) tolerance
Reserved
Subaddress
3Eh
Default (04h)
7
6
5
4
3
2
1
0
Reserved [7:0]
Reserved [7:0]:
04h = Required setting (default)
Video Bandwidth Control
Subaddress
3Fh
Default (00h)
7
6
5
4
3
2
1
0
Reserved
BW select [3:0]
BW select [3:0]: Selectable low-pass filter settings for controlling the analog video bandwidth. This control affects the analog video
bandwidth of all three ADC channels.
0h = Highest video bandwidth (default)
Fh = Lowest video bandwidth (~95 MHz analog video bandwidth )
NOTE: This register can be used to filter high frequency noise but lacks the precision for maximum filtering of various video formats. The
lowest bandwidth setting provides a video bandwidth of at least 50 MHz.
AVID Start Pixel
Subaddress
40h–41h
Default (012Ch)
Subaddress
7
6
5
4
3
2
1
0
40h
AVID start [7:0]
41h
Reserved
AVID active
AVID start [12:8]
AVID active
0 = AVID out active during VBLK (default)
1 = AVID out inactive during VBLK
AVID start [12:0]: AVID start pixel number, this is an absolute pixel location from the leading edge of HSYNC (start pixel 0). The TVP7002
updates the AVID start only when the AVID start MSB byte is written to.
AVID start pixel register also controls the position of SAV code. The TVP7002 inserts the SAV code four pixels before the pixel number
specified in the AVID start pixel register.
48
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com