Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 37 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 33Page - Texas Instruments TVP7002IPZP Datasheet HTML 34Page - Texas Instruments TVP7002IPZP Datasheet HTML 35Page - Texas Instruments TVP7002IPZP Datasheet HTML 36Page - Texas Instruments TVP7002IPZP Datasheet HTML 37Page - Texas Instruments TVP7002IPZP Datasheet HTML 38Page - Texas Instruments TVP7002IPZP Datasheet HTML 39Page - Texas Instruments TVP7002IPZP Datasheet HTML 40Page - Texas Instruments TVP7002IPZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
Input Mux Select 2
Subaddress
1Ah
Default (C2h)
7
6
5
4
3
2
1
0
SOG LPF SEL [1:0]
CLP LPF SEL [1:0]
CLK SEL
VS SEL
PCLK SEL
HS SEL
SOG LPF SEL [1:0]: SOG low-pass filter selection. The SOG low-pass filter can be used to attenuate glitches present on
the SOG input. Excessive filtering can lead to sync detection issues and increased sample clock jitter.
00 = 2.5-MHz low-pass filter
01 = 10-MHz low-pass filter
10 = 33-MHz low-pass filter
11 = Low-pass filter bypass (default)
CLP LPF SEL [1:0]: Coarse clamp low-pass filter selection. This filter effects the operation of all enabled coarse clamps which is generally
the SOG coarse clamp only.
00 = 4.8-MHz low-pass filter (default). Suitable for HDTV and graphics formats.
01 = 0.5-MHz low-pass filter. Suitable for SDTV formats.
10 = 1.7-MHz low-pass filter
11 = Reserved
CLK SEL: Clock reference select for Sync Processing block. The internal reference clock is typically 6.5 MHz, but it should not be
considered a precise clock. An external 27-MHz reference clock is therefore recommended for accurate mode detection. NOTE: The I2C
interface, Sync Separator, and activity detection circuitry always uses the internal clock reference.
0 = Internal clock reference (default)
1 = External clock reference (EXT_CLK)
NOTE: The external clock input can also be selected as the sample clock for the ADCs (see bit 1).
VS SEL: VSYNC input select
0 = VSYNC_A input selected (default)
1 = VSYNC_B input selected
PCLK SEL: Pixel clock selection. When the external clock input (pin 80) is selected as the ADC sample clock, the external clamp pulse
(pin 76) should also be selected (Bit 7 of subaddress 0Fh).
0 = ADC samples data using external clock input (pin 80)
1 = ADC samples data using H-PLL generated clock (default)
NOTE: The external clock input can also be selected as the reference clock for the Sync Processing block (see bit 3).
HS SEL: HSYNC input select
0 = HSYNC_A input selected (default)
1 = HSYNC_B input selected
NOTE: See the Sync Control register at subaddress 0Eh.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com