Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 2Page - Texas Instruments TVP7002IPZP Datasheet HTML 3Page - Texas Instruments TVP7002IPZP Datasheet HTML 4Page - Texas Instruments TVP7002IPZP Datasheet HTML 5Page - Texas Instruments TVP7002IPZP Datasheet HTML 6Page - Texas Instruments TVP7002IPZP Datasheet HTML 7Page - Texas Instruments TVP7002IPZP Datasheet HTML 8Page - Texas Instruments TVP7002IPZP Datasheet HTML 9Page - Texas Instruments TVP7002IPZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
IOVDD to IOGND
–0.5 V to 4.5 V
DVDD to DGND
–0.5 V to 2.3 V
Supply voltage range
PLL_AVDD to PLL_AGND and AVDD to AGND
–0.5 V to 2.3 V
A33VDD to A33GND
–0.5 V to 4.5 V
Digital input voltage range
VI to DGND
–0.5 V to 4.5 V
Analog input voltage range
AI to A33GND
–0.2 V to 2.3 V
Digital output voltage range
VO to DGND
–0.5 V to 4.5 V
TA
Operating free-air temperature range
0°C to 70°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Thermal Specifications
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
θJA
Junction-to-ambient thermal resistance, still air
Thermal pad soldered to 4-layer
17.28
°C/W
High-K PCB
θJC
Junction-to-case thermal resistance, still air
Thermal pad soldered to 4-layer
0.154
°C/W
High-K PCB
TJ(MAX)
Maximum junction temperature for reliable operation
110
°C
(1)
Exposed thermal pad must be soldered to JEDEC High-K PCB with adequate ground plane. If split ground planes are used, connect the
thermal pad to the digital ground plane.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
IOVDD
Digital I/O supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
1.8
1.9
2
V
PLL_AVDD
Analog supply voltage for horizontal PLL
1.8
1.9
2
V
AVDD
Analog supply voltage
1.8
1.9
2
V
A33VDD
Analog supply voltage
3
3.3
3.6
V
VI(P-P)
Analog input voltage (ac coupling necessary)
0.5
2
V
VIH
Digital input voltage high
0.7 IOVDD
V
VIL
Digital input voltage low
0.3 IOVDD
V
IOH
High-level output current
2
mA
IOL
Low-level output current
–2
mA
IOH_DATACLK
DATACLK high-level output current
4
mA
IOL_DATACLK
DATACLK low-level output current
–4
mA
ADC conversion rate
12
162
MHz
TA
Operating free-air temperature
0
70
°C
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com