Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 41 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TVP7002IPZP Datasheet HTML 37Page - Texas Instruments TVP7002IPZP Datasheet HTML 38Page - Texas Instruments TVP7002IPZP Datasheet HTML 39Page - Texas Instruments TVP7002IPZP Datasheet HTML 40Page - Texas Instruments TVP7002IPZP Datasheet HTML 41Page - Texas Instruments TVP7002IPZP Datasheet HTML 42Page - Texas Instruments TVP7002IPZP Datasheet HTML 43Page - Texas Instruments TVP7002IPZP Datasheet HTML 44Page - Texas Instruments TVP7002IPZP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
Green Digital ALC Output LSBs
Subaddress
24h
Read only
7
6
5
4
3
2
1
0
Green ALC Out [7:0]
Green ALC Out [7:0]: Eight LSBs of 10-bit filtered digital ALC output for Green channel. The corresponding two MSBs are located at
subaddress 27h. Twos-complement value. Also see register 23h.
Red Digital ALC Output LSBs
Subaddress
25h
Read only
7
6
5
4
3
2
1
0
Red ALC Out [7:0]
Red ALC Out [7:0]: Eight LSBs of 10-bit filtered digital ALC output for Red channel. The corresponding two MSBs are located at
subaddress 27h. Twos-complement value. Also see register 23h.
Automatic Level Control Enable
Subaddress
26h
Default (80h)
7
6
5
4
3
2
1
0
ALC enable
Reserved
ALC enable: Active-high automatic level control (ALC) enable
0 = ALC disabled
1 = ALC enabled (default)
See the ALC Placement register located at subaddress 31h.
Digital ALC Output MSBs
Subaddress
27h
Read only
7
6
5
4
3
2
1
0
Reserved
Red ALC Out [9:8]
Green ALC Out [9:8]
Blue ALC Out [9:8]
Red ALC Out [9:8]: Two MSBs of 10-bit filtered digital ALC output for Red channel. The corresponding eight LSBs are located at
subaddress 25h. Twos-complement value.
Green ALC Out [9:8]: Two MSBs of 10-bit filtered digital ALC output for Green channel. The corresponding eight LSBs are located at
subaddress 24h. Twos-complement value.
Blue ALC Out [9:8]: Two MSBs of 10-bit filtered digital ALC output for Blue channel. The corresponding eight LSBs are located at
subaddress 23h. Twos-complement value.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com