Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002IPZP Datasheet(PDF) 4 Page - Texas Instruments

Part # TVP7002IPZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZP Datasheet(HTML) 4 Page - Texas Instruments

  TVP7002IPZP Datasheet HTML 1Page - Texas Instruments TVP7002IPZP Datasheet HTML 2Page - Texas Instruments TVP7002IPZP Datasheet HTML 3Page - Texas Instruments TVP7002IPZP Datasheet HTML 4Page - Texas Instruments TVP7002IPZP Datasheet HTML 5Page - Texas Instruments TVP7002IPZP Datasheet HTML 6Page - Texas Instruments TVP7002IPZP Datasheet HTML 7Page - Texas Instruments TVP7002IPZP Datasheet HTML 8Page - Texas Instruments TVP7002IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
Table 1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Analog Video
RIN_1
11
I
Analog video input for R/Pr 1
RIN_2
10
I
Analog video input for R/Pr 2
RIN_3
9
I
Analog video input for R/Pr 3
GIN_1
2
I
Analog video input for G/Y 1
GIN_2
100
I
Analog video input for G/Y 2
GIN_3
98
I
Analog video input for G/Y 3
GIN_4
96
I
Analog video input for G/Y 4
BIN_1
18
I
Analog video input for B/Pb 1
BIN_2
17
I
Analog video input for B/Pb 2
BIN_3
16
I
Analog video input for B/Pb 3
The inputs must be ac coupled. The recommended coupling capacitor is 0.1
μF. Unused analog
inputs should be connected to ground using a 10-nF capacitor.
Clock Signals
DATACLK
28
O
Data clock output
EXT_CLK
80
I
External clock input. May be used as a timing reference for the mode detection block instead of
the internal clock reference. May also be used as the ADC sample clock instead of the H-PLL
generated clock.
Digital Video
R[9:0]
55–59, 61–65
O
Digital video output of R/Cr, R[9] is the most significant bit (MSB).
G[9:0]
43-52
O
Digital video output of G/Y, G[9] is the MSB.
B[9:0]
29-38
O
Digital video output of B/Cb, B[9] is the MSB.
For 4:2:2 mode, multiplexed CbCr data is output on B[9:0].
Unused outputs can be left unconnected.
Miscellaneous Signals
PWDN
70
I
Power down input
0 = Normal mode
1 = Power down
RESETB
71
I
Reset input, active low. Outputs are placed in a high-impedance mode during reset (see
Table 11).
TMS
72
I
Test mode select input, active high. Used to enable scan test mode. For normal operation,
connect to ground.
FILT1
87
O
External filter connection for the horizontal PLL. A 0.1-
μF capacitor in series with a 1.5-kΩ
resistor should be connected from this pin to pin 89 (see Figure 4).
FILT2
88
O
External filter connection for the horizontal PLL. A 4.7-nF capacitor should be connected from
this pin to pin 89 (see Figure 4).
PLL_F
89
I
Horizontal PLL filter internal supply connection
Host Interface
I2CA
73
I
I2C slave address input. The I2C slave address must be configured with an external pullup or
pulldown resistor (see Table 10).
0 = Slave address = B8h
1 = Slave address = BAh
SCL
74
I
I2C clock input
SDA
75
I/O
I2C data bus
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com