Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 23 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 19Page - Microchip Technology MICRF114 Datasheet HTML 20Page - Microchip Technology MICRF114 Datasheet HTML 21Page - Microchip Technology MICRF114 Datasheet HTML 22Page - Microchip Technology MICRF114 Datasheet HTML 23Page - Microchip Technology MICRF114 Datasheet HTML 24Page - Microchip Technology MICRF114 Datasheet HTML 25Page - Microchip Technology MICRF114 Datasheet HTML 26Page - Microchip Technology MICRF114 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 23
MICRF114
5.0
ELECTRICAL CHARACTERISTICS
In Table 5-1 and Table 5-2, all voltages are referenced to the potential on the VSS pin.
Typical parameter values in Table 5-3 through Table 5-6 are valid at typical VDD and TOP except where indicated
otherwise.
TABLE 5-1:
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Notes
VDD
Supply Voltage
-0.3
—
4.0
V
On VDD pin
VIN
Voltage on any pin
-0.3
—
VDD+0.3
V
Except VDD and RFO pins
VRF
Voltage on RFO pin
-0.3
—
9
V
RF peak values
VESD
Electrostatic Discharge
—
—
2000
V
Any pin combinations, HBM
IIN
Current into any pin
-25
—
25
mA
—
TST
Storage Temperature
-55
—
+125
°C
—
TLD
Lead Temperature
—
—
+260
°C
Soldering, for max 10s
TABLE 5-2:
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Notes
VDD
Supply Voltage
1.8
2.7
3.6
V
On VDD pin
VIN
Voltage on any pin
0.0
—
VDD
V
Except VDD and RFO pins
VRF
Voltage on RFO pin
0.2
—
7.2
V
RF peak values
TOP
Operating Temperature
-40
+27
+85
°C
Ambient
TABLE 5-3:
DC CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Notes
IDD
Supply Current
—
0.2
—
µA
Sleep mode
—
11.7
—
mA
Transmit mode(1)
VTP
POR Level Threshold
—
1.2
—
V
VDD < VTP needed for POR
VTG
POR Glitch Threshold
—
0.8
—
V
Larger glitch generates POR
VIL
Digital in Low Level
—
—
0.35 x VDD
V—
VIH
Digital in High Level
0.65 x VDD
——
V
—
RPD
Input Pull Down
—
134
—
k
On SCK pin
Note 1: OOK transmission with +10 dBm power and 50% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com