Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 3 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 3 Page - Microchip Technology

  MICRF114 Datasheet HTML 1Page - Microchip Technology MICRF114 Datasheet HTML 2Page - Microchip Technology MICRF114 Datasheet HTML 3Page - Microchip Technology MICRF114 Datasheet HTML 4Page - Microchip Technology MICRF114 Datasheet HTML 5Page - Microchip Technology MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 3
MICRF114
1.0
HARDWARE DESCRIPTION
1.1
Overview
The MICRF114 is a simple, low-cost OOK transmitter
with programmable output power. It is primarily
intended for command and control applications such as
RKE and GDO. The transmitter is synthesizer based
for high-frequency accuracy. It operates on a single
frequency that is determined by the frequency of the
crystal connected to the built-in reference oscillator.
This frequency can be selected from a wide range. The
more popular transmit frequencies require readily
available
crystal
frequencies.
For
example,
a
433.92 MHz transmit frequency requires a 13.56 MHz
crystal. The RF performance of the transmitter is
compliant with FCC and IC regulations and with some
Japanese standards. European Telecommunications
Standards Institute (ETSI) requirements can be met at
low-radiated power.
The MICRF114 is optimized for battery-powered
applications. It features low-current consumption and
can operate over a wide supply voltage range. Internal
circuits sensitive to supply voltage variations run from
the on-chip Low Dropout (LDO) regulator. To reduce
pin count and system Bill of Materials (BOM), the LDO
regulator does not need an external capacitor for
stability, and the single-pin reference oscillator has a
integrated programmable crystal load capacitor. The
single-ended RF output enables easy matching to
monopole antennas with a minimal number of external
components.
A 2-wire proprietary MCU interface is used to program
the parameters of the MICRF114 to select its operating
mode and to input the transmit data packet. A built-in
self-calibration circuit ensures consistent performance
over the operating frequency range and against
temperature
variations.
Initial
calibration
is
automatically performed
during Power-on Reset
(POR). Recalibration can be initiated by the MCU that
controls the application when required.
1.2
Block Diagram
Figure 1-1 shows the MICRF114 block diagram.
FIGURE 1-1:
MICRF114 ARCHITECTURE BLOCK DIAGRAM
PA
VCO
1/32
CP
SYNTHESIZER
OSC
SCK
SDI
LDO
VDD
POR
BIAS
REFERENCE
POWER MANAGEMENT
RFO
PFD
To Digital
Block
VSS
TX Data
Regulated
Supply
DIGITAL BLOCK
MCU Interface
Configuration register
Operating mode control
Self-Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com