Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 11 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology MICRF114 Datasheet HTML 10Page - Microchip Technology MICRF114 Datasheet HTML 11Page - Microchip Technology MICRF114 Datasheet HTML 12Page - Microchip Technology MICRF114 Datasheet HTML 13Page - Microchip Technology MICRF114 Datasheet HTML 14Page - Microchip Technology MICRF114 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 11
MICRF114
3.0
TYPICAL PERFORMANCE
CURVES
3.1
Characterization Setup
The MICRF114 is characterized at the two most
popular frequencies, 315 MHz and 433.92 MHz, over
the whole operating temperature and supply voltage
range. The results shown in Section 3.2 “315 MHz
Results” and Section 3.3 “433 MHz results” are the
average values taken from three devices, each coming
from a typical wafer lot. The RF output of the
MICRF114 is matched to 50 ohms to facilitate
connection to a spectrum analyzer. Refer to Figure 3-1.
FIGURE 3-1:
MATCHING CIRCUIT
SCHEMATIC
Harmonic filtering is omitted. The measured power
levels are calculated back to the RFO pin of the
MICRF114, taking into account the losses of the
characterization setup. Component values that are
valid for the two frequencies are listed in Table 3-1.
Current consumption is measured with a 50% duty-
cycle OOK modulation at 115.2 kbps data rate. Output
power is measured in unmodulated, Continuous Wave
(CW) mode. The reference spur level and the phase
noise are also measured in CW mode at +10 dBm
(nominal) output power setting. The phase noise is
measured at 1 MHz offset from the carrier.
VDD
RFO
C1
C2
L1
L2
TABLE 3-1:
COMPONENT VALUES
Component
Frequency
315 MHz
433 MHz
L1
360 nH
330 nH
L2
39 nH
22 nH
C1
6.8 pF
5.6 pF
C2
9.1 pF
5.6 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com