Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 1 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 1 Page - Microchip Technology

  MICRF114 Datasheet HTML 1Page - Microchip Technology MICRF114 Datasheet HTML 2Page - Microchip Technology MICRF114 Datasheet HTML 3Page - Microchip Technology MICRF114 Datasheet HTML 4Page - Microchip Technology MICRF114 Datasheet HTML 5Page - Microchip Technology MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 1
MICRF114
General Features
• Fully Integrated Low-Power Sub-GHz RF
Transmitter
• Single-Pin Crystal Oscillator with Integrated
Programmable Load Capacitor
• Wide Operating Voltage Range: 1.8V to 3.6V
• Industrial Temperature Range: -40°C to +85°C
• Low-Current Consumption: 0.2 µA in Sleep mode,
11.7 mA in +10 dBm Transmit mode
• Fast Turn-On and Turn-Off Times
• Small Footprint 6-pin SOT-23 Package
RF/Analog Features
• Fully Integrated VCO and PLL Loop Filter
• Single-Ended RF Output with Easy Antenna
Matching
• Wide Operating Frequency Range: 285 MHz to
445 MHz
• Transmit Power Programmable in 1 dB steps from
-2 dBm to +13 dBm
• Data Rate: Up to 115.2 kbps NRZ, 57.6 kbps
Manchester Encoded
• On-Off Keying (OOK) Modulation with Power
Ramp-Up Control
• Complies with US (FCC) and Canada (IC)
Standards
Digital Features
• Simple and Flexible 2-pin Proprietary
Microcontroller (MCU) Interface
• Supports Proprietary Remote Control Protocols
Applications
• Remote Keyless Entry (RKE)
• Garage Door Opener (GDO)
• Alarm and Security Systems
• Command and Control
• Wireless Sensors
• Industrial Sensing and Control
• Smart Energy
Pin Diagram
1
2
3
6
5
4
OSC
RFO
VSS
SCK
VDD
SDI
6-pin SOT-23
Low-Power Integrated Sub-GHz Wireless RF Transmitter


Similar Part No. - MICRF114

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112 MICREL-MICRF112 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112 MICREL-MICRF112 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
logo
Microchip Technology
MICRF112 MICROCHIP-MICRF112 Datasheet
1Mb / 46P
The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
Revision A Date 01/2024
logo
Micrel Semiconductor
MICRF112YMM MICREL-MICRF112YMM Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
More results

Similar Description - MICRF114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
logo
Texas Instruments
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
Low Power Sub-1 GHz RF Transmitter
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
Sub GHz band wireless transmitter IC
TWS-900C ETC2-TWS-900C Datasheet
481Kb / 15P
Wireless Low Power RF Transmitter Module (GFSK)
logo
Texas Instruments
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com