Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 19 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 15Page - Microchip Technology MICRF114 Datasheet HTML 16Page - Microchip Technology MICRF114 Datasheet HTML 17Page - Microchip Technology MICRF114 Datasheet HTML 18Page - Microchip Technology MICRF114 Datasheet HTML 19Page - Microchip Technology MICRF114 Datasheet HTML 20Page - Microchip Technology MICRF114 Datasheet HTML 21Page - Microchip Technology MICRF114 Datasheet HTML 22Page - Microchip Technology MICRF114 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 19
MICRF114
4.0
APPLICATION CIRCUIT
4.1
50-ohm Matching Example
Figure 4-1 shows the RF section of the MICRF114
application circuit. The VSS pin potential is the ground
reference for the whole circuit. The supply voltage
(1.8V to 3.6V) is connected to the VDD pin. Capacitors
C5 and C6 provide supply bypass (filtering). In every
application, the MICRF114 has to be controlled by an
MCU via the proprietary serial interface (SDI and SCK
pins). The quartz crystal (X1) connected to the OSC pin
determines the operating frequency which is 32 times
the crystal resonance frequency.
The matching network (L1, L2, C1, and C2) provides
optimum power transfer from the MICRF114 to the
antenna. The filter stage (L3, C3, and C4) removes the
unwanted
harmonics.
The
required
harmonic
suppression depends on the operating frequency,
antenna characteristics, and regional regulations. This
means the order of the filter (the number of
components) may be different in an actual application
with an integrated antenna.
Table 4-1 shows the values of the frequency-
dependent components for the two most popular
frequencies. Except for L1, it is recommended to use
0402 SMD components in the matching and filter
network.
FIGURE 4-1:
SCHEMATIC DIAGRAM
TABLE 4-1:
COMPONENT VALUES
Component
Frequency
315 MHz
433 MHz
X1
9.84375 MHz
13.56 MHz
L2
39 nH
22 nH
C1
9.1 pF
6.8 pF
C2
9.1 pF
5.6 pF
C3
12 pF
8.2 pF
L3
27 nH
18 nH
C4
12 pF
8.2 pF
Note:
This is a suggested schematic diagram only. Component values for C1 to C4 and L2 to L3 vary according
to operating frequency, antenna characteristics, and regional regulations. Certain components can be
removed.
OSC
SCK
SDI
VDD
RFO
VSS
From MCU
Filtering
Matching
C5
4.7 nF
C6
470 pF
L1
L2
C2
C1
Supply
L3
C3
C4
50 ohm
RF Output
X1
220 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com