Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 7 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 3Page - Microchip Technology MICRF114 Datasheet HTML 4Page - Microchip Technology MICRF114 Datasheet HTML 5Page - Microchip Technology MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology MICRF114 Datasheet HTML 10Page - Microchip Technology MICRF114 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 7
MICRF114
2.0
FUNCTIONAL DESCRIPTION
2.1
Initialization
After applying the supply voltage, the MICRF114 is
initialized by its built-in POR circuit. The POR is level
sensitive. It starts to generate a Reset pulse for the
internal logic when the rising supply voltage (VDD)
crosses a given threshold. The threshold level is
chosen so that the operation of the digital circuits is
already guaranteed at the beginning of the Reset
pulse.
Initialization first involves resetting all internal state
machines, setting the Configuration register to its
default value, and executing a calibration sequence to
guarantee
proper
operation
of
the
frequency
synthesizer. Blocks needed for calibration are turned
on with the required sequence and timing. The result is
stored after calibration, and all blocks are turned off to
bring the MICRF114 into Sleep mode where it waits for
the MCU to initiate transmission. The calibration result
is kept as long as the supply voltage is present.
Figure 2-1
illustrates
the
simplified
initialization
flowchart where the Reset due to VDD drops or brown-
out is not shown. Additionally, it is not shown that a
Reset condition in any state or during any sequence
immediately brings the MICRF114 into its Reset state.
One of the advantages of the level-sensitive Reset is
that the generation and length of the Reset pulse are
mostly independent of the slope of the rising VDD.
Another advantage is that it triggers a Brown-out Reset
(BOR) when VDD goes below the VTP threshold
voltage. Refer to Figure 2-2.
Abrupt drops of the VDD can disturb the operation of
digital circuits even if the VDD always stays above the
threshold level during such a transient. The POR block
also generates a Reset pulse after this kind of event if
the voltage drop exceeds the VTG threshold value.
FIGURE 2-1:
INITIALIZATION FLOWCHART
2.2
Operating Modes
The MICRF114 has two main operating modes:
•Sleep mode
• Transmit mode
In Sleep mode, all the blocks (except the POR and the
digital block) are powered down and wait to be woken
up by the MCU. The current consumption is minimal
because there is no activity within the digital block.
After the wake-up sequence and the associated delay,
MICRF114 enters Transmit mode. In Transmit mode,
all blocks become active and an RF signal, modulated
by the data stream sent by the MCU, is transmitted.
Transmission can be terminated by the MCU without
any time-out delay when required and the MICRF114
immediately goes back to Sleep mode.
Section 2.3 “Communication with the MCU” shows
the main operating mode flowchart and the associated
activity on the MCU interface.
FIGURE 2-2:
POR OPERATION
calibration
SLEEP
VDD>VTP?
Y
N
wake-up
sequence A
RESET
0
PORn
VDD
VTP
VTG
VLO
VHI
tDP
t
t
tDP
Note: VHI follows VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com