Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 20 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 16Page - Microchip Technology MICRF114 Datasheet HTML 17Page - Microchip Technology MICRF114 Datasheet HTML 18Page - Microchip Technology MICRF114 Datasheet HTML 19Page - Microchip Technology MICRF114 Datasheet HTML 20Page - Microchip Technology MICRF114 Datasheet HTML 21Page - Microchip Technology MICRF114 Datasheet HTML 22Page - Microchip Technology MICRF114 Datasheet HTML 23Page - Microchip Technology MICRF114 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MICRF114
DS50002416A-page 20
Preliminary
 2015 Microchip Technology Inc.
4.2
Measurement Results
The important parameters for regulatory standard com-
pliance are measured on PICtail™ boards for the two
most popular operating frequencies using the fre-
quency-dependent components listed in Table 4-1. The
MICRF114 operates in CW mode. Harmonics and
spurs are measured at +10 dBm output power setting.
Matching network, cable, and connector losses are not
compensated to ensure that the actual power readings
on the spectrum analyzer are slightly less.
Measurement results are shown in Figure 4-2 through
Figure 4-7. Note that the regulations limit the radiated
field strength at a given distance. The maximum usable
power setting at a given frequency and geographic
region can be determined only if the antenna gain is
known. The level of the fundamental carrier signal and
all possible out-of-band signals – harmonics, spurs,
and integrated phase noise – must be taken into
account. The filter network can be simplified at low-
radiated power.
FIGURE 4-2:
HARMONIC LEVELS AT 315 MHZ
FIGURE 4-3:
SPURIOUS LEVELS AT 315 MHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com