Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 9 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 5Page - Microchip Technology MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology MICRF114 Datasheet HTML 10Page - Microchip Technology MICRF114 Datasheet HTML 11Page - Microchip Technology MICRF114 Datasheet HTML 12Page - Microchip Technology MICRF114 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 9
MICRF114
After the wake-up delay, the MICRF114 starts to
automatically transmit. Since the exact timing of this is
unknown by the MCU, keep the transmit data input low
until the maximum specified wake-up time passes.
Although the MICRF114 wakes up earlier, it transmits
‘0’, that is, no carrier. Transmit data is asynchronous
and directly modulates the RF carrier. The MCU takes
care of all timing and coding of the data in software.
This is feasible due to the typical low-data rates and is
necessary due to the great variety of proprietary
protocols. The flowchart in Figure 2-4 shows the
MICRF114 states during a normal operation cycle.
2.4
Parameter Selection
All transmit parameters of the MICRF114 are stored in
a single 16-bit register. This is loaded with default
values at POR. The MCU can modify these values
before sending the transmit data. There are four
distinct parameter fields in the register as shown in
Table 2-1. To keep the MCU interface simple, only the
complete register as a whole can be updated. Fields
that need to remain unchanged must be reloaded with
the same value. For example, the new register value is
retained in Sleep mode until the next POR event.
FIGURE 2-4:
TOP FLOWCHART
TABLE 2-1:
TRANSMIT PARAMETERS OF MICRF114
Bit Range
Parameter
Field
Symbol
Default
Setting
Value
<15:13>
Transmit Frequency
F<2:0>
fTX
0x7
425-445 MHz
<12:8>
Crystal Load Capacitor
X<4:0>
CXT
0x16
18 pF
<7:4>
RF Transmit Power
P<3:0>
PTX
0xC
+10 dBm
<3:0>
RF Output Tuning Capacitor
R<3:0>
CTX
0x0
0 pF
SLEEP
TRANSMIT
Start?
CFG = 1?
CAL = 1?
Read
Control Bits
Read
Config Bits
N
Y
N
Y
N
Y
Stop?
N
Y
Calibration
Wake-up
Sequence A
Wake-up
Sequence B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com