Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 25 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 21Page - Microchip Technology MICRF114 Datasheet HTML 22Page - Microchip Technology MICRF114 Datasheet HTML 23Page - Microchip Technology MICRF114 Datasheet HTML 24Page - Microchip Technology MICRF114 Datasheet HTML 25Page - Microchip Technology MICRF114 Datasheet HTML 26Page - Microchip Technology MICRF114 Datasheet HTML 27Page - Microchip Technology MICRF114 Datasheet HTML 28Page - Microchip Technology MICRF114 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 25
MICRF114
FIGURE 5-1:
MCU INTERFACE TIMING
TABLE 5-6:
MCU INTERFACE TIMING
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Notes
tCHI
Clock High Time
30
—
—
ns
VSCK > VIH(1)
tCLO
Clock Low Time
30
—
—
ns
VSCK < VIL(1)
tCS
Clock Setup Time
15
—
—
ns
Before and after start or stop edge
tCH
Clock Hold Time
15
—
—
ns
tDHI
Data High Time
100
—
—
ns
Between stop and start edges
tDS
Data Setup Time
15
—
—
ns
—
tDH
Data Hold Time
15
—
—
ns
—
tFI
Input Signal Fall Time
—
—
500
ns
Between VIL and VIH
tRI
Input Signal Rise Time
—
—
500
ns
Note 1: For the definition of VIL and VIH see Table 5-3.
SDI
SCK
tDHI
tDS
tCLO
tDH
tCHI
tCS
tCS
tCH
tCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com