Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 5 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 5 Page - Microchip Technology

  MICRF114 Datasheet HTML 1Page - Microchip Technology MICRF114 Datasheet HTML 2Page - Microchip Technology MICRF114 Datasheet HTML 3Page - Microchip Technology MICRF114 Datasheet HTML 4Page - Microchip Technology MICRF114 Datasheet HTML 5Page - Microchip Technology MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 5
MICRF114
1.8
Frequency Synthesizer
The frequency synthesizer is a fully integrated PLL with
a fixed feedback division ratio. It operates on a single
frequency that is determined by the reference crystal.
The VCO within the PLL operates directly at the
transmit frequency to save power. The VCO also has a
wide tuning range to cover most of the popular
frequencies below 500 MHz.
1.9
Transmit Path
The main element of the transmit path is the RF Power
Amplifier (PA). Since typical applications use monopole
antennas, the output is single-ended. It must be biased
to VDD using an inductor. This configuration enables
high-voltage swing, thereby reducing the required
supply current for the specified output power. The
output power is programmable by the MCU in 1 dB
steps. This enables the current consumption and
transmit range to be optimized according to the
product requirements of the customers. Additionally,
compliance with the relevant regulations can be
ensured with different antenna gains.
To ease design-in and keep the BOM as low as
possible, the output capacitance of the PA is
programmable by the MCU. As a result, the impedance
matching circuit between the RF output and the
antenna requires fewer elements and is easier to
optimize. A modulator circuit is used to control the
slope of the output power ramping on and off. This is to
prevent steep supply current transients which may
result in a spectrum splatter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com