Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 10 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology MICRF114 Datasheet HTML 10Page - Microchip Technology MICRF114 Datasheet HTML 11Page - Microchip Technology MICRF114 Datasheet HTML 12Page - Microchip Technology MICRF114 Datasheet HTML 13Page - Microchip Technology MICRF114 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MICRF114
DS50002416A-page 10
Preliminary
 2015 Microchip Technology Inc.
Select the transmit frequency parameter to ensure that
the actual operating frequency, which is determined by
the selected crystal, falls into the frequency range
defined by the parameter. Refer to Table 2-2.
Equation 2-1 through Equation 2-1 show that the rest
of the programmable parameters can be calculated
from the Control bit fields.
EQUATION 2-1:
CRYSTAL LOAD
CAPACITOR
EQUATION 2-2:
RF TRANSMIT POWER
EQUATION 2-3:
RF OUTPUT TUNING
CAPACITOR
The operating frequency, the crystal load capacitor,
and the RF output tuning capacitor settings depend on
the selection of external components and, to a lesser
extent, PCB layout. If these parameters are different
from the default values, it must be set only once during
the first transmission after a POR event.
2.5
Transmitting
The MICRF114 is normally in Sleep mode. The MCU
always initiates entry into Transmit mode by sending a
Start bit, the compulsory Control bits, and the optional
Configuration bits to the MICRF114, which starts its
wake-up sequence. After the wake-up delay, it
transmits the data present on its SDI pin. The MCU
holds the SDI pin low for the maximum specified wake-
up time. If calibration is requested, the maximum
specified calibration time must be added to the wake-
up time.
Transmit parameters are not usually changed on the
fly, and recalibration is not necessary. Therefore, the
MCU can use the quick-start transmit sequence as
described in Section 2.3 “Communication with the
MCU”. However, except in the rare case that all default
parameter settings are acceptable for the application,
the first transmission after a POR event must include
sending the required Configuration bits. Recalibration
is always needed when the transmit frequency is in a
band that is different from the default value.
The MICRF114 stays in Transmit mode until the MCU
sends a Stop bit and then reverts to Sleep mode
without any time-out delay.
TABLE 2-2:
FREQUENCY RANGE
fTX range (MHz)
F<2:0>
Min
Max
285
305
0
305
325
1
325
345
2
345
365
3
365
385
4
385
405
5
405
425
6
425
445
7
Crystal Load Capacitor:
CXT = 7 pF + X <4:0> * 0.5 pF
RF Transmit Power:
PTX = -2 dBm + P <3:0> dBm
RF Output Tuning Capacitor:
CTX = 0 pF + R <3:0> * 0.2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com