Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 8 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 4Page - Microchip Technology MICRF114 Datasheet HTML 5Page - Microchip Technology MICRF114 Datasheet HTML 6Page - Microchip Technology MICRF114 Datasheet HTML 7Page - Microchip Technology MICRF114 Datasheet HTML 8Page - Microchip Technology MICRF114 Datasheet HTML 9Page - Microchip Technology MICRF114 Datasheet HTML 10Page - Microchip Technology MICRF114 Datasheet HTML 11Page - Microchip Technology MICRF114 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MICRF114
DS50002416A-page 8
Preliminary
 2015 Microchip Technology Inc.
2.3
Communication with the MCU
The communication between the MCU and the
MICRF114 is one-directional and it is always initiated
by the MCU. It uses a proprietary protocol that supports
switching between the two operating modes, optional
request for recalibration, reprogramming of the
operating parameters (as needed), and transmit data
input. The logic is active-high.
The communications protocol requires both the lines of
Serial Clock (SCK) and Serial Data Input (SDI) to idle
high. However, this is not the state with the lowest
current consumption because the SCK input of the
MICRF114 has an internal pull-down resistor to avoid
unwanted clock transitions during the power-on
process. In Sleep mode, the clock line can be pulled
low to minimize the overall supply current.
Control and Configuration bits are sent synchronously
after the Start bit. The two control bits, CAL and CFG,
must always be present. If CAL is high, recalibration is
performed before transmission. In this case, the wake-
up time from Sleep mode to Transmit mode is longer. If
CFG is high, the MCU must send 17 additional
Configuration bits. The first 16 bits updates the 16-bit
Transmit Parameter register within the MICRF114. The
Most Significant bit (MSb) is sent first. The last bit must
always be ‘0’. Figure 2-3 shows the two methods of
starting transmission.
The wake-up sequence from Sleep mode to Transmit
mode starts at the rising edge of the last clock pulse.
This is the second or 19th clock, depending on the CFG
bit setting.
FIGURE 2-3:
COMMUNICATION PROTOCOL
Start
tWK + cal * tCL
SDI
Sleep
CAL
Transmit with quick-start using the default or previously loaded configuration settings.
SCK
CFG
Wake-up
Transmit
Asynchronous TX Data
Stop
(MCU Waits)
Sleep
Recalibration (CAL=1) is not normally needed.
Start
SDI
Sleep
CAL
Transmit start with configuration settings update.
SCK
CFG
Wake-up
16 Configuration (Config) bits
Recalibration is always needed in case of frequency setting change.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com