Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF114 Datasheet(PDF) 24 Page - Microchip Technology

Part # MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 20Page - Microchip Technology MICRF114 Datasheet HTML 21Page - Microchip Technology MICRF114 Datasheet HTML 22Page - Microchip Technology MICRF114 Datasheet HTML 23Page - Microchip Technology MICRF114 Datasheet HTML 24Page - Microchip Technology MICRF114 Datasheet HTML 25Page - Microchip Technology MICRF114 Datasheet HTML 26Page - Microchip Technology MICRF114 Datasheet HTML 27Page - Microchip Technology MICRF114 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MICRF114
DS50002416A-page 24
Preliminary
 2015 Microchip Technology Inc.
TABLE 5-4:
AC CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Notes
fTX
Transmit Frequency
285
—
445
MHz
32 times the crystal frequency
CTX
Output Capacitance
0
—
3
pF
Selectable with 0.2 pF steps
PTX
Output Power
—
+13
—
dBm
Maximum setting(1)
-2
—
+13
dBm
Typical control range
—
1
—
dB
Power control step
PSP
Spurious Emission
—
—
-45
dBc
Excluding harmonics
LOUT
Phase Noise
—
—
-76
dBc/Hz 100 kHz from carrier
—
—
-92
dBc/Hz 1 MHz from carrier
ZOUT
RF Output Impedance(2)
—
7.5-j50.9
—
At 315 MHz
—
6.0-j32.2
—
At 433 MHz
DR
Modulation Data Rate
0
—
115.2
kbps
NRZ
0
—
57.6
kbps
Manchester encoded
hMOD
Modulation Depth
—
60
—
dB
—
SRVDD
VDD Slew Rate
0.1
—
—
V/ms
For proper POR operation
CXT
Crystal Load Capacitor
7
—
22.5
pF
Selectable with 0.5 pF steps
RXT
Crystal Loss Resistance
—
—
80
—
Note 1: Valid with optimum matching circuit at TOP = 27°C and VDD = 2.7V to 3.3V
2: The RF output impedance varies with the operating frequency, the output power setting PTX (which is not
necessarily equal to the actual output power) and the output tuning capacitance setting CTX. The values
given: PTX = +10 dBm and CTX = 0 pF.
TABLE 5-5:
TIMING CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Notes
tDP
POR Delay Time
—
—
20
ms
—
tWK
Wake-up Time
—
—
3
ms
Without calibration
tCL
Calibration Time
—
—
2
ms
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com