Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 66 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 62Page - STMicroelectronics ADE3000SX Datasheet HTML 63Page - STMicroelectronics ADE3000SX Datasheet HTML 64Page - STMicroelectronics ADE3000SX Datasheet HTML 65Page - STMicroelectronics ADE3000SX Datasheet HTML 66Page - STMicroelectronics ADE3000SX Datasheet HTML 67Page - STMicroelectronics ADE3000SX Datasheet HTML 68Page - STMicroelectronics ADE3000SX Datasheet HTML 69Page - STMicroelectronics ADE3000SX Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
OSD Block
ADE3XXX
66/88
2.19
OSD Block
Introduction
The integrated on-screen display (OSD) controller is a character-based overlay with a high level of
features and over 100Kbyte of on-board dedicated RAM storage.
Features
q
15 row by 30 column character-mapped display
q
Four user-definable windows
q
12x18-pixel characters with optional horizontal and vertical doubling on a row-by-row basis
q
Two 16-entry 24-bit RGB user-definable color maps
q
192 RAM-based monochrome 1bpp characters
q
64 RAM-based graphics 4bpp characters
q
Text character attributes: foreground/background color, blinking
SRGB_CYAN_G
0x0D11
R/W
[7:0]
0x0
Cyan Point Green Delta
SRGB_CYAN_B
0x0D12
R/W
[7:0]
0x0
Cyan Point Blue Delta
SRGB_MAGENTA_R
0x0D13
R/W
[7:0]
0x0
Magenta Point Red Delta
SRGB_MAGENTA_G
0x0D14
R/W
[7:0]
0x0
Magenta Point Green Delta
SRGB_MAGENTA_B
0x0D15
R/W
[7:0]
0x0
Magenta Point Blue Delta
SRGB_WHITE_R
0x0D16
R/W
[7:0]
0x0
White Point Red Delta
SRGB_WHITE_G
0x0D17
R/W
[7:0]
0x0
White Point Green Delta
SRGB_WHITE_B
0x0D18
R/W
[7:0]
0x0
White Point Blue Delta
SRGB_GAMMA_A_RED_A
0x0D19
R/W
[7:0]
0x0
Parametric A Gamma A Red, Gamma
SRGB_GAMMA_A_RED_B
0x0D1A
R/W
[7:0]
0x0
Parametric A Gamma B Red, Contrast
SRGB_GAMMA_A_RED_C
0x0D1B
R/W
[7:0]
0x0
Parametric A Gamma C Red, Brightness
SRGB_GAMMA_A_GREEN_A
0x0D1C
R/W
[7:0]
0x0
Parametric A Gamma A Green, Gamma
SRGB_GAMMA_A_GREEN_B
0x0D1D
R/W
[7:0]
0x0
Parametric A Gamma B Green, Contrast
SRGB_GAMMA_A_GREEN_C
0x0D1E
R/W
[7:0]
0x0
Parametric A Gamma C Green, Brightness
SRGB_GAMMA_A_BLUE_A
0x0D1F
R/W
[7:0]
0x0
Parametric A Gamma A Blue, Gamma
SRGB_GAMMA_A_BLUE_B
0x0D20
R/W
[7:0]
0x0
Parametric A Gamma B Blue, Contrast
SRGB_GAMMA_A_BLUE_C
0x0D21
R/W
[7:0]
0x0
Parametric A Gamma C Blue, Brightness
SRGB_GAMMA_B_RED_A
0x0D22
R/W
[7:0]
0x0
Parametric B Gamma A Red, Gamma
SRGB_GAMMA_B_RED_B
0x0D23
R/W
[7:0]
0x0
Parametric Gamma B Red, Contrast
SRGB_GAMMA_B_RED_C
0x0D24
R/W
[7:0]
0x0
Parametric Gamma C Red, Brightness
SRGB_GAMMA_B_GREEN_A
0x0D25
R/W
[7:0]
0x0
Parametric Gamma A Green, Gamma
SRGB_GAMMA_B_GREEN_B
0x0D26
R/W
[7:0]
0x0
Parametric Gamma B Green, Contrast
SRGB_GAMMA_B_GREEN_C
0x0D27
R/W
[7:0]
0x0
Parametric Gamma C Green, Brightness
SRGB_GAMMA_B_BLUE_A
0x0D28
R/W
[7:0]
0x0
Parametric Gamma A Blue, Gamma
SRGB_GAMMA_B_BLUE_B
0x0D29
R/W
[7:0]
0x0
Parametric Gamma B Blue, Contrast
SRGB_GAMMA_B_BLUE_C
0x0D2A
R/W
[7:0]
0x0
Parametric Gamma C Blue, Brightness
Table 22: SRGB Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com