Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 46 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 42Page - STMicroelectronics ADE3000SX Datasheet HTML 43Page - STMicroelectronics ADE3000SX Datasheet HTML 44Page - STMicroelectronics ADE3000SX Datasheet HTML 45Page - STMicroelectronics ADE3000SX Datasheet HTML 46Page - STMicroelectronics ADE3000SX Datasheet HTML 47Page - STMicroelectronics ADE3000SX Datasheet HTML 48Page - STMicroelectronics ADE3000SX Datasheet HTML 49Page - STMicroelectronics ADE3000SX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
Data Measurement Block
ADE3XXX
46/88
DMEAS_WIN_DMM_MINY_H
0x0911
[7:4]
Reserved
R/W
[3:0]
minimum Y DMM window [11:8]
relative to vsync
DMEAS_WIN_DMM_MAXY_L
0x0912
R/W
[7:0]
0xFFF
maximum Y DMM window [7:0]
DMEAS_WIN_DMM_MAXY_H
0x0913
[7:4]
Reserved
R/W
[3:0]
maximum Y DMM window [11:8]
relative to vsync
DMEAS_PHM_EDGESEL
0x0914
[7:2]
0xFFF
Reserved
R/W
[1]
0x0
vsync edge select for PHM measurements
0: rising edge
1: falling edge
R/W
[0]
0x0
hsync edge select for PHM measurements
0: rising edge
1: falling edge
DMEAS_DMM_EDGESEL
0x0915
[7:2]
Reserved
R/W
[1]
0x0
vsync edge select for DMM measurements
0: rising edge
1: falling edge
R/W
[0]
0x0
hsync edge select for DMM measurements
0: rising edge
1: falling edge
DMEAS_PHM_MODE_CTRL
0x0916
[7:5]
Reserved
R/W
[4]
0x0
clear PHM result registers
R/W
[3]
0x0
0: Do not freeze the results in Free-running
mode. New result will be available on the next
and subsequent toggle of the polling bit.
1: Freeze the current results in Free-running
mode. The polling bit will still toggle and the
block continues to free run; however, results
will not update.
No meaning in one-shot mode.
R/W
[2]
0x0
PHM measurement polling bit. Toggles at the
end of each measurement in free-run mode.
Undefined in one-shot mode.
R/W
[1]
0x0
PHM algorithm measurement start.
In free-run mode it enables measurements. In
one-shot mode it triggers the start of a
measurement and is reset to zero when the
measurement is complete.
R/W
[0]
0x0
0: PHM free-run mode.
1: PHM one-shot mode.
Table 16: Data Measurement Registers (Sheet 3 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com