Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 82 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 78Page - STMicroelectronics ADE3000SX Datasheet HTML 79Page - STMicroelectronics ADE3000SX Datasheet HTML 80Page - STMicroelectronics ADE3000SX Datasheet HTML 81Page - STMicroelectronics ADE3000SX Datasheet HTML 82Page - STMicroelectronics ADE3000SX Datasheet HTML 83Page - STMicroelectronics ADE3000SX Datasheet HTML 84Page - STMicroelectronics ADE3000SX Datasheet HTML 85Page - STMicroelectronics ADE3000SX Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
Absolute Maximum Ratings
ADE3XXX
82/88
3
Electrical Specifications
3.1
Absolute Maximum Ratings
3.2
Power Consumption Matrices
*
Measured at nominal voltage supplies
**
Measured at +10% voltage supplies
Symbol
Parameter
Min
Typ
Max
Unit
AVDD18
DVDD18
XVDD18
LVDD18
Supply Voltage
1.95
V
AVDD33
DVDD33
Supply Voltage
3.6
V
VIN
Max voltage on 5 volt tolerant input pins
6.1
V
TSTG
Storage Temperature
-40
+150
°C
Table 33: ADE3100
Symbol
Parameter
Min
Typ*
Max**
Unit
Supply Current (Analog Input, XGA@75Hz, 78.75MHz)
IAVDD18
1.8V analog supply (IAVDD18)
188
197
mA
IDVDD18
1.8V digital supply (IDVDD18)
213
240
mA
IAVDD33
3.3V analog supply (IAVDD33)
109
113
mA
IDVDD33
3.3V digital supply (IDVDD33)
6469mA
Supply Current (DVI Input, XGA@75Hz, 78.75MHz)
IAVDD18
1.8V analog supply (IAVDD18)
5767mA
IDVDD18
1.8V digital supply (IDVDD18)
222
250
mA
IAVDD33
3.3V analog supply (IAVDD33)
109
115
mA
IDVDD33
3.3V digital supply (IDVDD33)
5967mA
Supply Current (Stand By Mode)
IAVDD18
1.8V analog supply (IAVDD18)3.4
3.9
mA
IDVDD18
1.8V digital supply (IDVDD18)3.9
5.4
mA
IAVDD33
3.3V analog supply (IAVDD33)0.5
3.9
mA
IDVDD33
3.3V digital supply (IDVDD33)2.5
3.0
mA
PTOTANA
Total Power Consumption (Analog Input, XGA@75Hz, 78.75MHz)
1.55
1.85
W
PTOTDVI
Total Power Consumption (DVI Input, XGA@75Hz, 78.75MHz)
1.4
1.73
W
PSTANDBY
Total Power Consumption (Stand By Mode)
23.2
39.4
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com