Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 21 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 17Page - STMicroelectronics ADE3000SX Datasheet HTML 18Page - STMicroelectronics ADE3000SX Datasheet HTML 19Page - STMicroelectronics ADE3000SX Datasheet HTML 20Page - STMicroelectronics ADE3000SX Datasheet HTML 21Page - STMicroelectronics ADE3000SX Datasheet HTML 22Page - STMicroelectronics ADE3000SX Datasheet HTML 23Page - STMicroelectronics ADE3000SX Datasheet HTML 24Page - STMicroelectronics ADE3000SX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
21/88
ADE3XXX
Line Lock PLL Block
LLK_PLL_TC_BLS
0x0812
[7:6]
Reserved
R/W
[5:0]
0x20
Slow Time Constant B Linear
LLK_PLL_TC_AEK
0x0813
[7:4]
Reserved
R/W
[3:0]
0x6
Lock Time Constant A Exponent
LLK_PLL_TC_BEK
0x0814
[7:4]
Reserved
R/W
[3:0]
0x6
Lock Time Constant B Exponent
LLK_PLL_TC_ALK
0x0815
[7:6]
Reserved
R/W
[5:0]
0x20
Lock Time Constant A Linear
LLK_PLL_TC_BLK
0x0816
[7:6]
Reserved
R/W
[5:0]
0x20
Lock Time Constant B Linear
LLK_PLL_TC_SLOW_TOL
0x0817
R/W
[7:0]
0x80
More than SLOW_LINE_NB lines with a
phase error less than the SLOW_TOL will
set the slow status bit, and the PLL will work
with the slow time constant.
One or more lines with a phase error more
than SLOW_TOL will reset the slow status
bit, and the PLL will work with the fast time
constant.
LSB of SLOW_TOL is approx. 200ps.
LLK_PLL_TC_SLOW_LINE_NB
0x0818
R/W
[7:0]
0x10
LLK_PLL_LOCK_TOL
0x0819
R/W
[7:0]
0x20
More than LOCK_LINE_NB lines with a
phase error less than the LOCK_TOL will
set the lock status bit, and the PLL will work
with the lock time constant.
One or more lines with a phase error more
than LOCK_TOL will reset the lock status
bit, and the PLL will work with the slow time
constant.
LSB of LOCK_TOL is approx. 200 ps.
LLK_PLL_LOCK_LINE_NB
0x081A
R/W
[7:0]
0x30
LLK_PLL_PH_OFFSET
0x081B
R/W
[7:0]
0x0
Phase Adjustment.
The maximum phase offset value is equal to
PHASE_RATE[31:21] or 0x40, whichever is
higher.
LLK_PLL_PH_OFFSET_EN
0x081C
R/W
[7]
0x0
Phase Enable
[6:0]
Reserved
LLK_PLL_PULSE_HIGH_EXT
0x081D
R/W
[7]
0x0
0: no pulse extend
1: extend pulse (normal)
[6:3]
Reserved
R/W
[2:0]
0x0
Pulse Extend Amount
0x0: Minimum
0x7: Maximum (Normal)
LLK_PLL_STAT_LINES_L
0x081E
R/W
[7:0]
0x10
Number of lines to statistically analyze.
LLK_PLL_STAT_LINES_H
0x081F
R/W
[7:0]
LLK_PLL_STAT_ERROR_INC_LOW
0x0820
[7:0]
Reserved
Table 7: Line Lock PLL Registers (Sheet 3 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com