Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 8 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 4Page - STMicroelectronics ADE3000SX Datasheet HTML 5Page - STMicroelectronics ADE3000SX Datasheet HTML 6Page - STMicroelectronics ADE3000SX Datasheet HTML 7Page - STMicroelectronics ADE3000SX Datasheet HTML 8Page - STMicroelectronics ADE3000SX Datasheet HTML 9Page - STMicroelectronics ADE3000SX Datasheet HTML 10Page - STMicroelectronics ADE3000SX Datasheet HTML 11Page - STMicroelectronics ADE3000SX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Pin Description
ADE3XXX
8/88
45
AGND
Power
Analog Ground
46
AVDD18
Power
Analog 1.8V VDD
47
XGND
Power
Crystal Oscillator Ground
48
XTAL_IN
Input
Crystal Oscillator Input
49
XTAL_OUT
Output
Crystal Oscillator Output
50
XVDD18
Power
Crystal Oscillator 1.8V VDD
51
LVDD18
Power
Line Lock PLL 1.8V VDD
52
LGND
Power
Line Lock PLL Ground
53
CSYNC
Input
Composite Sync Input - for Sync On Green
54
VSYNC
Input
Vertical Sync Input
55
HSYNC
Input
Horizontal (or Composite) Sync Input
56
AGND
Power
Analog Ground
57
AGND
Power
Analog Ground
58
AVDD33
Power
Analog 3.3V VDD
59
AVDD33
Power
Analog 3.3V VDD
60
AGND
Power
Analog Ground
61
AVDD18
Power
Analog 1.8V VDD
62
AGND
Power
Analog Ground
63
REFB
Passive
1% 15.0 kOhm resistor to Analog Ground
64
REFMB
Passive
Connect to Analog Ground
65
REFPB
Passive
470nF capacitor to Analog Ground
66
AGND
Power
Analog Ground
67
AGND
Power
Analog Ground
68
INB
Input
Analog Video Port: Blue Channel input
69
AVDD33
Power
Analog 3.3V VDD
70
AVDD33
Power
Analog 3.3V VDD
71
REFCB
Passive
100nF capacitor to Analog Ground
72
AGND
Power
Analog Ground
73
AVDD18
Power
Analog 1.8V VDD
74
AVDD18
Power
Analog 1.8V VDD
75
REFG
Passive
1% 15.0 kOhm resistor to Analog Ground
76
REFMG
Passive
Connect to Analog Ground
77
REFPG
Passive
470nF capacitor to Analog Ground
78
AGND
Power
Analog Ground
79
AGND
Power
Analog Ground
80
ING
Input
Analog Video Port: Green Channel input
81
AVDD33
Power
Analog 3.3V VDD
82
AVDD33
Power
Analog 3.3V VDD
83
REFCG
Passive
100nF capacitor to Analog Ground
Table 2: Pin Description (Sheet 3 of 7)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com