Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 35 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 31Page - STMicroelectronics ADE3000SX Datasheet HTML 32Page - STMicroelectronics ADE3000SX Datasheet HTML 33Page - STMicroelectronics ADE3000SX Datasheet HTML 34Page - STMicroelectronics ADE3000SX Datasheet HTML 35Page - STMicroelectronics ADE3000SX Datasheet HTML 36Page - STMicroelectronics ADE3000SX Datasheet HTML 37Page - STMicroelectronics ADE3000SX Datasheet HTML 38Page - STMicroelectronics ADE3000SX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
35/88
ADE3XXX
Sync Measurement Block
SMEAS_V_SEL
0x0114
R/W
[7:4]
0x0
Selects a vertical signal for measurement of
the high pulse width.
0x0: Analog vsync
0x1: Composite vsync
0x2: SOG vsync
0x3: DVI vsync
0x4: YUV vsync
0x5: YUV vert enab (locally generated)
0x6: DVI vert enab (locally generated)
0x7: TCON vsync
0x8 - 0xF: Reserved
R/W
[3:0]
0x0
Selects a vertical signal for measurement of
period and polarity.
0x0: Analog vsync
0x1: Composite vsync
0x2: SOG vsync
0x3: DVI vsync
0x4: YUV vsync
0x5: YUV vert enable (locally generated)
0x6: DVI vert enable (locally generated)
0x7: TCON vsync
SMEAS_STATUS_MASK
0x0119
R/W
[7]
0x0
Mask bit for hsync polarity check
0: ignore
1: check
R/W
[6]
0x0
Mask bit for vsync polarity check
0: ignore
1: check
[5:4]
Reserved
R/W
[3]
0x0
Mask bit for vert pulse width check
0: ignore
1: check
R/W
[2]
0x0
Mask bit for h per v check
0: ignore
1: check
R/W
[1]
0x0
Mask bit for h period check
0: ignore
1: check
R/W
[0]
0x0
Mask bit for v period check
0: ignore
1: check
SMEAS_H_NUM_LINES
0x011A
R/W
[7:0]
0x0
Number of lines to measure for Horizontal
period. Valid range is 1 to 255.
SMEAS_H_SKIP_L
0x011B
R/W
[7:0]
0x0
Number of lines to skip before starting a
horizontal measurement. The skip counter
counts from the chosen vertical source and
edge. [7:0]
SMEAS_H_SKIP_H
0x011C
R/W
[7:4]
Reserved
[3:0]
Number of lines to skip before starting a
horizontal measurement. The skip counter
counts from the chosen vertical source and
edge. [11:8]
Table 13: Sync Measurement Registers (Sheet 4 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com