Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 38 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 34Page - STMicroelectronics ADE3000SX Datasheet HTML 35Page - STMicroelectronics ADE3000SX Datasheet HTML 36Page - STMicroelectronics ADE3000SX Datasheet HTML 37Page - STMicroelectronics ADE3000SX Datasheet HTML 38Page - STMicroelectronics ADE3000SX Datasheet HTML 39Page - STMicroelectronics ADE3000SX Datasheet HTML 40Page - STMicroelectronics ADE3000SX Datasheet HTML 41Page - STMicroelectronics ADE3000SX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Sync Measurement Block
ADE3XXX
38/88
SMEAS_H_PER_V_L
0x014C
R
[7:0]
0x0
Horizontal events per vertical event
SMEAS_H_PER_V_H
0x014D
R
[7:0]
0x0
SMEAS_SK_V_HI_L
0x014E
R
[7:0]
0x0
Vertical high time in XCLKs - 1
SMEAS_SK_V_HI_M
0x014F
R
[7:0]
0x0
SMEAS_SK_V_HI_H
0x0150
R
[7:0]
0x0
SMEAS_TIMEOUT_STATUS
0x0151
[7:2]
0x0
Reserved
R
[1]
0x0
Indicates that the horizontal measurement
timed out.
R
[0]
0x0
Indicates that the vertical measurement
timed out.
SMEAS_STATUS_RANGE
0x0152
R
[7]
0x0
In Free-running mode any of the status bits
can change at the end of each
measurement. In One-shot mode any of the
status bits can change at the completion of
the measurement. The meas_sticky_status
bit is a bitwise OR of bits[3:0] (before the
bitwise OR, the mask in
SMEAS_STATUS_MASK is AND in) and is
sticky. The only way to reset it is for software
to write a zero into this bit. This bit goes to
the scaler to blank the scaler output.
A write to this reg will reset it to 0.
R
[6]
0x0
Indicates that one of the measured polarities
does not match the reference value.
R
[5]
0x0
Hsync (selected by SMEAS_H_SEL)
polarity.
0: active low
1: active high
R
[4]
0x0
Vsync (selected by SMEAS_V_SEL) polarity.
0: active low
1: active high
R
[3]
0x0
Indicates that the vertical pulse width
measurement exceeded the reference +/-
tolerance range.
R
[2]
0x0
Indicates that the horizontal per vertical
measurement exceeded the reference +/-
tolerance range.
R
[1]
0x0
Indicates that the XCLKs per horizontal
measurement exceeded the reference +/-
tolerance range.
R
[0]
0x0
Indicates that the XCLKs per vertical
measurement exceeded the reference +/-
tolerance range.
SMEAS_MEAS_POLLING
0x0153
[7:2]
0x0
Reserved
R
[1]
0x0
Toggle on h meas Free-running mode, at end
of each meas. No function on one-shot
mode.
R
[0]
0x0
Toggle on v meas Free-running mode, at end
of each meas. No function on one-shot
mode.
Table 13: Sync Measurement Registers (Sheet 7 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com