Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 23 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 19Page - STMicroelectronics ADE3000SX Datasheet HTML 20Page - STMicroelectronics ADE3000SX Datasheet HTML 21Page - STMicroelectronics ADE3000SX Datasheet HTML 22Page - STMicroelectronics ADE3000SX Datasheet HTML 23Page - STMicroelectronics ADE3000SX Datasheet HTML 24Page - STMicroelectronics ADE3000SX Datasheet HTML 25Page - STMicroelectronics ADE3000SX Datasheet HTML 26Page - STMicroelectronics ADE3000SX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
23/88
ADE3XXX
Digital Video Input (DVI)
Recommended values for best receiver quality are given in the following table:
Table 8: Recommended DVI Values
Clock Speed
DVI_PLL_0
DVI_PLL_1
0 to 30 MHz
0x02
0x00
31 to 60 MHz
0x03
0x00
61 to 100 MHz
0x04
0x00
101 to 140 MHz
0x05
0x00
Table 9: DVI Registers (Sheet 1 of 5)
Register Name
Addr
Mode
Bits
Default
Description
DVI_ACCUM_CONST
0x0401
[7:4]
0x5
Reserved
R/W
[3:0]
0x5
digital filter response speed
5: fastest
14: slowest
DVI_EXT_SHIFT_CNT
0x0402
R/W
[7:6]
Reserved
R/W
[5:0]
0x08
alignment position of chan0, used for
debugging only
DVI_EXT_SHIFT_CNT_ENAB
0x0403
[7:6]
Reserved
R/W
[6]
0x0
0: normal
1: freeze alignment readout
R/W
[5:0]
0x0
initial value for the alignment position for all
channels
DVI_INVALID_L
0x0404
invalid code count for left position.
R
[7:3]
0x0
exponent
R
[2:0]
0x0
mantissa
count = (mant+8) * 2
(exp-4), if exp>3, else
count = mant
DVI_INVALID_C
0x0405
invalid code count for center position.
R
[7:3]
0x0
exponent
R
[2:0]
0x0
mantissa
count = (mant+8) * 2
(exp-4), if exp>3, else
count = mant
DVI_INVALID_R
0x0406
invalid code count for right position.
R
[7:3]
0x0
exponent
R
[2:0]
0x0
mantissa
count = (mant+8) * 2(exp-4), if exp>3, else
count = mant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com