Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 14 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 10Page - STMicroelectronics ADE3000SX Datasheet HTML 11Page - STMicroelectronics ADE3000SX Datasheet HTML 12Page - STMicroelectronics ADE3000SX Datasheet HTML 13Page - STMicroelectronics ADE3000SX Datasheet HTML 14Page - STMicroelectronics ADE3000SX Datasheet HTML 15Page - STMicroelectronics ADE3000SX Datasheet HTML 16Page - STMicroelectronics ADE3000SX Datasheet HTML 17Page - STMicroelectronics ADE3000SX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Global Control Block
ADE3XXX
14/88
MD = INT(fXCLK x (2
(6 + NDIV - SDIV)) / f
OUT)
PE = INT((215) x (MD + 1 - fXCLK x (2
(6 + NDIV - SDIV)) / f
OUT))
where fXCLK is the external crystal frequency in MHz (typically 27). The maximum SCLK frequency
generated by this block is fXTAL x 2
(2+NDIV).
For lower power operation, set all clock sources to the “zero” setting and also set the analog power
disables. In this condition, only the crystal clock domain (XCLK) runs and blocks in INCLK or
DOTCLK domains are not accessible by I2C.
To detect a DVI plug event and wake from a low power state, program the DVI detection clock
source select to the DVI detect clock and enable the analog power control for the DVI detect clock.
All other clock sources are set to zero.
fOUT < fXCLK AND fOUT ≥ fXCLK /2
3
fOUT < fXCLK/2 AND fOUT ≥ fXCLK /4
4
fOUT < fXCLK/4 AND fOUT ≥ fXCLK /8
5
fOUT < fXCLK/8 AND fOUT ≥ fXCLK /16
6
fOUT < fXCLK/16 AND fOUT ≥ fXCLK /32
7
Table 4: Global Registers (Sheet 1 of 4)
Register Name
Addr.
Mode
Bits
Default
Description
GLBL_NULL_ADDR
0x0000
R/W
[7:0]
0x0
Chip Revision ID
GLBL_CLK_SRC_SEL_0
0x0001
[7]
0x0
Reserved
R/W
[6:4]
0x5
DOTCLK source
0x0: YUVCLK pin
0x1: SCLK freq synth
0x2: FM freq synth (normal)
0x3: INCLK
0x4: CLKIN pin
0x5: crystal clock
0x6: 0
0x7: Reserved
R/W
[3:0]
0xA
INCLK source
0x0: YUVCLK pin (YUV Input)
0x1: DVI_PLLCLK (DVI Input)
0x2: ADCclock red
0x3: ADCclock green
0x4: ADC clock blue
0x5: SCLK freq synth
0x6: DVI detect clock
0x7: LLK PLL (ADC Input)
0x8: CLKIN pin
0x9: FM freq synth
0xA: crystal clock
0xB: 0
0xC - 0xF: Reserved
Table 3: SCLK Frequency Ranges (Continued)
Frequency Range
SDIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com