Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 16 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 12Page - STMicroelectronics ADE3000SX Datasheet HTML 13Page - STMicroelectronics ADE3000SX Datasheet HTML 14Page - STMicroelectronics ADE3000SX Datasheet HTML 15Page - STMicroelectronics ADE3000SX Datasheet HTML 16Page - STMicroelectronics ADE3000SX Datasheet HTML 17Page - STMicroelectronics ADE3000SX Datasheet HTML 18Page - STMicroelectronics ADE3000SX Datasheet HTML 19Page - STMicroelectronics ADE3000SX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Global Control Block
ADE3XXX
16/88
GLBL_SCLK_SYNTH_CTRL
0x0009
[7:5]
0x0
Reserved
R/W
[4:3]
0x0
XTAL frequency multiplier NDIV
0x0: fXCLK = 54MHz
0x1: fXCLK = 27MHz (normal)
0x2: fXCLK = 13.5MHz
0x3: Reserved
R/W
[2]
0x0
SCLK frequency synthesizer EXT_PLL
(normal operation = 0)
R/W
[1]
0x0
SCLK frequency synthesizer PLL_SEL
(normal operation = 1)
R/W
[0]
0x1
SCLK freq synth control disable (normal
operation = 0)
GLBL_SCLK_MD_SD
0x000A
R/W
[7:3]
0x0
SCLK frequency synthesizer MD, range is
[16,31]
R/W
[2:0]
0x0
SCLK frequency synthesizer SDIV, range is
[0,7]
GLBL_SCLK_PE_L
0x000B
R/W
[7:0]
0x0
SCLK frequency synthesizer PE, range is [0,
32767]
GLBL_SCLK_PE_H
0x000C
R/W
[7:0]
GLBL_TST_CTRL
0x000D
[7:1]
0x0
Reserved
R/W
[0]
0x0
Functional Test Mode Enable
GLBL_ADC_CLK_SRC_SEL
[7:3]
Reserved
R/W
[2:0]
0x5
ADC Sample Clock Source
0x0: YUVCLK pin
0x1: LLK_PLL (normal)
0x2: SCLK freq synth
0x3: CLKIN pin
0x4: FM freq synth
0x5: Crystal Clock
0x6: 0
0x7: Reserved
GLBL_SCLK_CTRL
0x0010
[7:5]
0x0
Reserved
R/W
[4]
0x0
Invert SCLK
[3]
Reserved
R/W
[2:0]
0x0
SCLK source select
0x0: YUVCLK pin
0x1: SCLK freq synth
0x2: FM freq synth (normal)
0x3: inclk source
0x4: CLKIN pin
0x5: crystal clock
0x6: 0
0x7: Reserved
GLBL_TCON_BPAD_EN
0x0011
R/W
[7:0]
0x0
For each bit n (0 to 7),
0: TCON[n] pin is TCON output
1: TCON[n] pin is input into TVI block
Table 4: Global Registers (Sheet 3 of 4)
Register Name
Addr.
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com