Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 9 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 5Page - STMicroelectronics ADE3000SX Datasheet HTML 6Page - STMicroelectronics ADE3000SX Datasheet HTML 7Page - STMicroelectronics ADE3000SX Datasheet HTML 8Page - STMicroelectronics ADE3000SX Datasheet HTML 9Page - STMicroelectronics ADE3000SX Datasheet HTML 10Page - STMicroelectronics ADE3000SX Datasheet HTML 11Page - STMicroelectronics ADE3000SX Datasheet HTML 12Page - STMicroelectronics ADE3000SX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9/88
ADE3XXX
Pin Description
84
AGND
Power
Analog Ground
85
AVDD18
Power
Analog 1.8V VDD
86
AVDD18
Power
Analog 1.8V VDD
87
REFR
Passive
1% 15.0 kOhm resistor to Analog Ground
88
REFMR
Passive
Connect to Analog Ground
89
REFPR
Passive
470nF capacitor to Analog Ground
90
AGND
Power
Analog Ground
91
AGND
Power
Analog Ground
92
INR
Input
Analog Video Port: Red Channel input
93
AVDD33
Power
Analog 3.3V VDD
94
AVDD33
Power
Analog 3.3V VDD
95
REFCR
Passive
100nF capacitor to Analog Ground
96
AGND
Power
Analog Ground
97
AVDD18
Power
Analog 1.8V VDD
98
AVDD18
Power
Analog 1.8V VDD
99
TST_SCAN
Input
Connect to Digital Ground
100
DGND
Power
Digital Ground
101
DVDD33
Power
Digital 3.3V VDD
102
OBA7
Output
Output Port A: Blue Data 7
103
OBA6
Output
Output Port A: Blue Data 6
104
OBA5
Output
Output Port A: Blue Data 5
105
DGND
Power
Digital Ground
106
OBA4
Output
Output Port A: Blue Data 4
107
OBA3
Output
Output Port A: Blue Data 3
108
OBA2
Output
Output Port A: Blue Data 2
109
OBA1
Output
Output Port A: Blue Data 1
110
OBA0
Output
Output Port A: Blue Data 0
111
DVDD33
Power
Digital 3.3V VDD
112
DGND
Power
Digital Ground
113
OGA7
Output
Output Port A: Green Data 7
114
OGA6
Output
Output Port A: Green Data 6
115
OGA5
Output
Output Port A: Green Data 5
116
OGA4
Output
Output Port A: Green Data 4
117
OGA3
Output
Output Port A: Green Data 3
118
OGA2
Output
Output Port A: Green Data 2
119
OGA1
Output
Output Port A: Green Data 1
120
OGA0
Output
Output Port A: Green Data 0
121
DVDD18
Power
Digital 1.8V VDD
122
DGND
Power
Digital Ground
Table 2: Pin Description (Sheet 4 of 7)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com