Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 50 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 46Page - STMicroelectronics ADE3000SX Datasheet HTML 47Page - STMicroelectronics ADE3000SX Datasheet HTML 48Page - STMicroelectronics ADE3000SX Datasheet HTML 49Page - STMicroelectronics ADE3000SX Datasheet HTML 50Page - STMicroelectronics ADE3000SX Datasheet HTML 51Page - STMicroelectronics ADE3000SX Datasheet HTML 52Page - STMicroelectronics ADE3000SX Datasheet HTML 53Page - STMicroelectronics ADE3000SX Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
Scaler Block
ADE3XXX
50/88
SCL_THRES_OFFSET_L
0x0A13
R/W
[7:0]
0x40
offset of the contrast amplification function
[7:0]
SCL_THRES_OFFSET_H
0x0A14
R/W
[7:2]
0x0
Reserved
R/W
[1:0]
0x2
offset of the contrast amplification function
[9:8]
SCL_CBBYPASS
0x0A15
R/W
[7:2]
0x0
Reserved
R/W
[1]
0x0
0: normal
1: TCON control of contrast amplification
R/W
[0]
0x0
0: contrast amplification enabled
1: bypass contrast amplification
SCL_CON_CAL_SEL
0x0A16
[7:1]
Reserved
R/W
[0]
0x0
0: context = max of RGB pk-pk
1: context = sum of RGB pk-pk
SCL_TESTCON
0x0A17
[7:2]
6b contrast amplification test data
R/W
[1:0]
0x0
0x0, 0x3: normal
0x1: force input data into the contrast
amplifiation function to bits [7:2]
0x2: force the output context data to be bits
[5:2]
SCL_LUT1
0x0A18
R/W
[7:0]
0xFA
sigmoidal function LUT entry 1, 8b 2’s
complement
SCL_LUT2
0x0A19
R/W
[7:0]
0xF7
sigmoidal function LUT entry 2, 8b 2’s
complement
SCL_LUT3
0x0A1A
R/W
[7:0]
0xF7
sigmoidal function LUT entry 3, 8b 2’s
complement
SCL_LUT4
0x0A1B
R/W
[7:0]
0xFC
sigmoidal function LUT entry 4, 8b 2’s
complement
SCL_LUT5
0x0A1C
R/W
[7:0]
0x2
sigmoidal function LUT entry 5, 8b 2’s
complement
SCL_LUT6
0x0A1D
R/W
[7:0]
0x0D
sigmoidal function LUT entry 6, 8b 2’s
complement
SCL_LUT7
0x0A1E
R/W
[7:0]
0x17
sigmoidal function LUT entry 7, 8b 2’s
complement
SCL_LUT8
0x0A1F
R/W
[7:0]
0x21
sigmoidal function LUT entry 8, 8b 2’s
complement
SCL_LUT9
0x0A20
R/W
[7:0]
0x28
sigmoidal function LUT entry 9, 8b 2’s
complement
SCL_LUT10
0x0A21
R/W
[7:0]
0x2C
sigmoidal function LUT entry 10, 8b 2’s
complement
SCL_LUT11
0x0A22
R/W
[7:0]
0x2C
sigmoidal function LUT entry 11, 8b 2’s
complement
SCL_LUT12
0x0A23
R/W
[7:0]
0x28
sigmoidal function LUT entry 12, 8b 2’s
complement
SCL_LUT13
0x0A24
R/W
[7:0]
0x21
sigmoidal function LUT entry 13, 8b 2’s
complement
SCL_LUT14
0x0A25
R/W
[7:0]
0x17
sigmoidal function LUT entry 14, 8b 2’s
complement
Table 18: Scaler Block Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com