Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SX Datasheet(PDF) 29 Page - STMicroelectronics

Part # ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 25Page - STMicroelectronics ADE3000SX Datasheet HTML 26Page - STMicroelectronics ADE3000SX Datasheet HTML 27Page - STMicroelectronics ADE3000SX Datasheet HTML 28Page - STMicroelectronics ADE3000SX Datasheet HTML 29Page - STMicroelectronics ADE3000SX Datasheet HTML 30Page - STMicroelectronics ADE3000SX Datasheet HTML 31Page - STMicroelectronics ADE3000SX Datasheet HTML 32Page - STMicroelectronics ADE3000SX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
29/88
ADE3XXX
YUV Block
2.7
YUV Block
The TV video input module is used to interface external TV video decoder chip. It handles VESA
Video Interface Port(VIP) 8-bit/16-bit YCBCR, VMI/ ITU-R Recommendation 656 (CCIR656) YCBCR
and double clock edge input RGB data formats. It extracts embedded sync timing and converts data
into RGB color space. All the functions in this module are controlled by the system microcontroller
through I2C registers.
The following table describes the different pin configurations for YUV/RGB digital input.
X = don’t care
Mode
YUV[7:0]
TCON[3:0]
TCON[7:4]
CCIR656
DATA[7:0]
X
X
VMI
DATA[7:0]
X
{HREF, VREF, VACTIVE, X}
VIP 8b
DATA[7:0]
X
X
VIP 16b
DATA[7:0]
DATA[11:8]
DATA[15:12]
RGB Posedge
BLUE[7:0]
GREEN[3:0]
{HSYNC,VSYNC,DE,X}
RGB Negedge
{RED[3:0],GREEN[7:4]}
RED[7:4]
{HSYNC,VSYNC,DE,X}
Table 11: YUV Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
YUV_CTRL
0x0700
[7:6]
Reserved
R/W
[5]
0x0
0: Rising edge of clock
1: Falling edge of clock
R/W
[4]
0x0
Input Source of Color Space Converter
0: YUV pins
1: ADC
R/W
[3]
0x0
Color Space Converter Enable
R/W
[2]
0x0
Sync Decoder Enable
R/W
[1]
0x0
Sample Input Data Rate
0:1x
1: 2x
R/W
[0]
0x0
Status Reset
YUV_STATUS
0x0701
[7]
Reserved
R/W
[6]
0x0
SAV detected
R/W
[5]
0x0
EAV detected
R/W
[4]
0x0
ANC detected
R/W
[3]
0x0
TASK detected
R/W
[2]
0x0
FIELDID detected
R/W
[1]
0x0
HSYNC detected
R/W
[0]
0x0
VSYNC detected
Writing to this register will clear all bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com