Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 36Page - National Semiconductor (TI) CS9211 Datasheet HTML 37Page - National Semiconductor (TI) CS9211 Datasheet HTML 38Page - National Semiconductor (TI) CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
www.national.com
40
Revision 2.1
4.0
Register Descriptions
Table 4-1 provides a summary of the Configuration Regis-
ters, followed by descriptions of the individual registers and
their bit formats. These registers are accessed using the
serial interface, as described in Section 3.2.1 “Serial Inter-
face” on page 17. Note that all configuration registers are
memory mapped.
Table 4-1. Configuration Registers Summary
Offset
Access
Name / Function
Reset
Value
Reference
(Table 4-2)
400h-403h
R/W
Panel Timing Register 1
Configures the flat panel horizontal and vertical timing characteristics
00000000h
Page 41
404h-407h
R/W
Panel Timing Register 2
Configures the flat panel horizontal and vertical timing characteristics
00000000h
Page 41
408h-40Bh
R/W
Power Management Register
Configures the power management features of the LCD controller
00000000h
Page 43
40Ch-40Fh
R/W
Dither and Frame Rate Control Register
Configures dithering and frame rates
00000000h
Page 44
410h-413h
R/W
Blue LFSR Seed
15-bit value that specifies the seed value for the FRM conversion of the Blue
component of each pixel
00000000h
Page 45
414h-417h
R/W
Green LFSR Seed
15-bit value that specifies the seed value for the FRM conversion of the Green
component of each pixel
Red LFSR Seed
15-bit value that specifies the seed value for the FRM conversion of the Red
component of each pixel
00000000h
Page 45
418h-41Bh
R/W
FRM Memory Index Register
00000000h
Page 45
41Ch-41Fh
R/W
FRM Memory Data Register (32 x 64 Bits)
00000000h
Page 45
420h-423h
R/W
Memory Control Register
Selects the memory type, SDRAM or EDO DRAM
1EF80008h
Page 45
424h-427h
R/W
Dither RAM Control and Address Register
Provides the dither RAM address. The value programmed is used to initialize
the Dither RAM address counter. Subsequent accesses to the Dither RAM
Data Register cause the address counter to increment.
00000000h
Page 46
428h-42Bh
R/W
Dither RAM Data Register
Provides the Dither RAM data. The data can be read or written to the dither
RAM via this register. Prior to accessing the data register, an appropriate
address should be loaded to the Dither RAM Address Register (Offset 424h).
Subsequent accesses to the data register cause the internal address counter
to increment for the next cycle.
00000000h
Page 46
42Ch-42Fh
R/W
Panel CRC (Cyclical Redundancy Check) Signature Register
When CRC is enabled, the CRC logic writes the generated signature to this
register. The value can be compared with the software simulation results or a
previously generated signature for the same image and settings.
xxxxxxxxh
Page 46
430h-433h
RO
Device and Revision ID Register
Reads the CS9211’s device ID and revision ID.
92110302h
Page 46
434h-437h
R/W
GPIO Data Register
Status and levels of GPIO pins.
xxxxxxxxh
Page 46
438h-43Bh
R/W
GPIO Control Register
Configuration of each GPIO pin as an input or output, and in normal or weak
pull-up/down modes.
xxxxxxxxh
Page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com