Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 3Page - National Semiconductor (TI) CS9211 Datasheet HTML 4Page - National Semiconductor (TI) CS9211 Datasheet HTML 5Page - National Semiconductor (TI) CS9211 Datasheet HTML 6Page - National Semiconductor (TI) CS9211 Datasheet HTML 7Page - National Semiconductor (TI) CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) CS9211 Datasheet HTML 10Page - National Semiconductor (TI) CS9211 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Revision 2.1
7
www.national.com
Signal Definitions (Continued)
Table 2-2. Pin Assignments - Sorted by Pin Number
Pin
No.
Signal Name
Type
Drive
(mA)
1
VDDIO
PWR
--
2
VSSIO
GND
--
3
UD11
O
8
4
UD10
O
8
5
UD9
O
8
6
UD8
O
8
7
UD7
O
8
8
UD6
O
8
9
UD5
O
8
10
UD4
O
8
11
UD3
O
8
12
UD2
O
8
13
UD1
O
8
14
UD0
O
8
15
LD11
O
8
16
LD10
O
8
17
VDDIO
PWR
--
18
VSSIO
GND
--
19
VSS
GND
--
20
LD9
O
8
21
LD8
O
8
22
LD7
O
8
23
LD6
O
8
24
LD5
O
8
25
LD4
O
8
26
LD3
O
8
27
LD2
O
8
28
LD1
O
8
29
LD0
O
8
30
SHFCLK
O
12
31
LP/HSYNC
O
8
32
LDE
O
8
33
FLM/VSYNC
O
8
34
FP_VDDEN
O
8
35
FP_VCONEN
O
8
36
VDD
PWR
--
37
VDDIO
PWR
--
38
VSSIO
GND
--
39
DISPOFF#
O
8
40
SCLK
I
--
41
SDIN
I
--
42
SDO
O
8
43
SCS
I
--
44
RESET#
I
--
45
MBIST_EN
I
--
46
SCAN_EN
I
--
47
TEST_SE
I
--
48
XTALIN
I
--
49
XTALOUT
O
--
50
NC
--
--
51
NC
--
--
52
NC
--
--
53
NC
--
--
54
VSS
GND
--
55
VDDIO
PWR
--
56
NC
--
--
57
NC
--
--
58
NC
--
--
59
NC
--
--
60
NC
--
--
61
NC
--
--
62
NC
--
--
63
GPIO7
I/O
4
64
GPIO6
I/O
4
65
GPIO5
I/O
4
66
GPIO4
I/O
4
67
GPIO3
I/O
4
68
GPIO2
I/O
4
69
GPIO1
I/O
4
70
GPIO0
I/O
4
71
VSSIO
GND
--
72
VDDIO
PWR
--
73
VDD
PWR
--
74
NC
--
--
75
DOTCLK
I
--
76
RED0
I
--
77
ENA_VDDIN
I
--
78
RED2
I
--
79
RED1
I
--
80
BLUE0
I
--
81
BLUE3
I
--
82
BLUE1
I
--
83
BLUE2
I
--
84
BLUE4
I
--
85
RED3
I
--
86
RED4
I
--
87
GREEN2
I
--
88
BLUE5
I
--
89
VSS
GND
--
90
VSSIO
GND
--
91
VDDIO
PWR
--
92
GREEN1
I
--
93
GREEN0
I
--
94
GREEN3
I
--
95
ENA_DISP
I
--
96
RED5
I
--
Pin
No.
Signal Name
Type
Drive
(mA)
97
FP_HSYNC
I
--
98
GREEN4
I
--
99
FP_VSYNC
I
--
100
GREEN5
I
--
101
ENA_LCDIN
I
--
102
MD15
I/O
8
103
MD0
I/O
8
104
MD14
I/O
8
105
MD1
I/O
8
106
MD13
I/O
8
107
MD2
I/O
8
108
VDDIO
PWR
--
109
VSSIO
GND
--
110
MD12
I/O
8
111
MD3
I/O
8
112
MD11
I/O
8
113
MD4
I/O
8
114
MD10
I/O
8
115
MD5
I/O
8
116
MD9
I/O
8
117
MD6
I/O
8
118
MD8
I/O
8
119
MD7
I/O
8
120
DQML
O
8
121
DQMH
O
8
122
WE#
O
8
123
MCLK
O
12
124
CASH#
O
8
125
VDDIO
PWR
--
126
VSSIO
GND
--
127
CAS#/CASL#
O
8
128
VSS
GND
--
129
CKE
O
8
130
RAS#
O
8
131
CS#
O
8
132
MA9
O
8
133
OE#/BA
O
8
134
MA8
O
8
135
MA10
O
8
136
MA0
O
8
137
MA7
O
8
138
MA1
O
8
139
MA6
O
8
140
MA5
O
8
141
MA4
O
8
142
MA3
O
8
143
MA2
O
8
144
VDD
PWR
--
Pin
No.
Signal Name
Type
Drive
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com