Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) CS9211 Datasheet HTML 10Page - National Semiconductor (TI) CS9211 Datasheet HTML 11Page - National Semiconductor (TI) CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) CS9211 Datasheet HTML 15Page - National Semiconductor (TI) CS9211 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
www.national.com
12
Revision 2.1
Signal Definitions (Continued)
DQMH
121
O
(8 mA)
Data Input/Output Mask
DQMx is an input mask signal to the frame buffer SDRAM for write accesses
and an output enable signal for read accesses.
• Input data to the SDRAM is masked when DQMx is sampled high during
a write cycle.
• The output buffers are placed in a High-Z state (two-clock latency) when
DQMx is sampled high during a read cycle.
DQMH corresponds to DQ8-DQ15 of the SDRAM.
DQML corresponds to DQ0-DQ7 of the SDRAM.
This signal is not used for EDO DRAM.
DQML
120
O
(8 mA)
OE#/BA
133
O
(8 mA)
Output Enable and Bank Select Address
This pin is the output enable for the DRAM and the bank address selection
for SDRAM.
BA defines to which bank the active, read, write or precharge command is
being applied. This function is not used in the CS9211.
RAS#
130
O
(8 mA)
Row Address Strobe
The row address strobe for DRAM/SDRAM.
CASH#
124
O
(8 mA)
Column Address Strobe
The column address strobe for the upper byte of EDO DRAM. This pin
should not be connected if SDRAM is used.
CAS#/CASL#
127
O
(8 mA)
Column Address Strobe
The column address strobe for the lower byte of DRAM. This pin should be
connected (to CAS#) if SDRAM is used.
WE#
122
O
(8 mA)
Write Enable
The write enable output for DRAM/SDRAM.
MCLK
123
O
(12
mA)
Memory Clock
This clock output from the CS9211 should be connected to the SDRAM. It is
not used for EDO DRAM.
CKE
129
O
(8 mA)
Clock Enable
This output signal should be connected to the SDRAM. When CKE is active
(high), the MCLK signal is low. Deactivating the clock provides precharge
power-down and self-refresh operations (all banks idle), active power-down
(row active CKE in either bank) or clock Suspend operation (burst/access in
progress).
CKE is synchronous to MCLK, except after the device enters power-down
and self refresh modes, where CKE becomes asynchronous until after exit-
ing the same mode. The input buffers, including MCLK, are disabled during
power-down and self refresh modes, and provide low power. CKE may be
tied high.
This signal is not used for EDO DRAM.
CS#
131
O
(8 mA)
Chip Select
This output is connected to the chip select of SDRAM. CS# enables (regis-
tered low) and disables (registered high) the command decoder of the
SDRAM. All commands are masked when CS# is deasserted (high).
2.2.4
Memory Interface Signals (Continued)
Signal Name
Pin No.
Type
(Drive)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com