Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CS9211 Datasheet HTML 1Page - National Semiconductor (TI) CS9211 Datasheet HTML 2Page - National Semiconductor (TI) CS9211 Datasheet HTML 3Page - National Semiconductor (TI) CS9211 Datasheet HTML 4Page - National Semiconductor (TI) CS9211 Datasheet HTML 5Page - National Semiconductor (TI) CS9211 Datasheet HTML 6Page - National Semiconductor (TI) CS9211 Datasheet HTML 7Page - National Semiconductor (TI) CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
© 2000 National Semiconductor Corporation
www.national.com
General Description
The National Semiconductor® Geode™ CS9211 graphics
companion is suitable for systems that use any GX-series
processor (e.g., GX1, GXLV, GXm) along with the
CS5530A I/O companion, also members of the Geode fam-
ily of products.
The CS9211 converts the digital pixel stream output of the
CS5530A to the digital RGB inputs used by standard single
and dual-scan STN LCD display panels. Support is pro-
vided for both color and monochrome dual-scan STN
(DSTN) flat panels up to 1024x768 resolution, and for color
single-scan panels up to 640x480 resolution.
The typical system connection shows how to connect the
CS9211 with other system components. Note that the
external frame buffer is only required for DSTN panels.
Features
s Supports most SVGA DSTN panels and the VESA FPDI
(Flat Panel Display Interface) Revision 1.0 Specification.
s Directly interfaces to panels; no external drivers needed
(excluding backlight inverter).
s Supports 18-bit color pixel input data stream in 6:6:6
format, for a maximum display of 262,144 colors.
s Supports up to65MHz pixel clock (DOTCLK).
s Supports resolutions up to 1024x768 pixels.
s Fast display refresh rate, up to 120 Hz for DSTN panels,
achieved by writing both panel halves simultaneously.
s 16- or 24-bit dual-scan color STN (DSTN) support.
s 8- or 16-bit dual-scan monochrome STN (DSTN)
support.
s 8-bit single-scan color STN (SSTN) panel support.
s TFT panel support provided via pass-through mode.
s 9-, 12- or 18-bit TFT support.
s 9+9 or 12+12-bit, 2 pixels per clock TFT panel support.
s Frame rate modulation (FRM) allows up to 32 shades of
gray (intensities) for each primary color (R,G,B) with no
loss of spatial resolution.
s Proprietary dithering algorithm allows display of addi-
tional colors for a maximum of 262,144 colors.
s Programmable control of input and output sync pulse
widths, delays, and polarities allows interfaces to many
panel types.
s Programmable panel power sequence controls.
s Built-in memory controller supports either SDRAM or
EDO memory for the DSTN frame buffer.
s Configuration via a serial programming interface.
s Low-power, 3.3V operation.
s 144-pin LQFP (Low-profile Quad Flat Pack).
Typical System Connection
Data
Address & Control
24
4
3
Power Control
Panel Timing
21
16
Panel Data
LCD Panel
Pixel Port
18
4
Pixel Data
18
CS9211
Graphics
DRAM/SDRAM
Serial Configuration
Companion
GX-Series
Geode™
Geode™
Geode™
Video Port (YUV)
8
Timing Control
Processor
(TFT, DSTN,
4
(External Frame Buffer)
CS5530A
I/O Companion
or SSTN)
October 2000
Revision 2.1
Geode™ CS9211 Graphics Companion
Flat Panel Display Controller
National Semiconductor is a registered trademark of National Semiconductor Corporation.
Geode is a trademark of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - CS9211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
CS9210-VNG NSC-CS9210-VNG Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
More results

Similar Description - CS9211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
fujitsu semiconductor
MB86291A FUJITSU-MB86291A Datasheet
243Kb / 25P
Graphics Display Controller
MB86292 FUJITSU-MB86292 Datasheet
236Kb / 25P
Graphics Display Controller
logo
List of Unclassifed Man...
RTD2010 ETC1-RTD2010 Datasheet
75Kb / 11P
FLAT PANEL DISPLAY CONTROLLER
RTD2020 ETC1-RTD2020 Datasheet
84Kb / 11P
FLAT PANEL DISPLAY CONTROLLER
logo
fujitsu semiconductor
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
Graphics Display Controller
MB86298 FUJITSU-MB86298 Datasheet
467Kb / 2P
Graphics Display Controller
logo
Realtek Semiconductor C...
RTD2660 REALTEK-RTD2660 Datasheet
5Mb / 401P
Flat Panel Display Controller
RTD2522 REALTEK-RTD2522 Datasheet
844Kb / 94P
Flat Panel Display Controller
June 20, 2003 Revision 0.81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com